Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Rev. 1.10
14
November 25, 2015
HT9B95A/B/G
I2C Serial Interface
I2C Operation
ThedevicesupportsI2Cserialinterface.TheI2Cbus
isforbidirectional,two-linecommunicationbetween
differentICsormodules.Thetwolinesareaserial
dataline,SDA,andaserialclockline,SCL.Both
linesareconnectedtothepositivesupplyviapull-up
resistorswithatypicalvalueof4.7kΩ.Whenthebus
isfree,bothlinesarehigh.Devicesconnectedtothe
busmusthaveopen-drainoropen-collectoroutputs
toimplementawired-orfunction.Datatransferis
initiatedonlywhenthebusisnotbusy.
Data Validity
ThedataontheSDAlinemustbestableduringthe
highperiodoftheserialclock.Thehighorlowstate
ofthedatalinecanonlychangewhentheclocksignal
ontheSCLlineisLowasshowninthediagram.
START and STOP Conditions
• AhightolowtransitionontheSDAlinewhileSCL
ishighdefinesaSTARTcondition.
• AlowtohightransitionontheSDAlinewhileSCL
ishighdefinesaSTOPcondition.
• STARTandSTOPconditionsarealwaysgenerated
bythemaster.Thebusisconsideredtobebusyafter
theSTARTcondition.Thebusisconsideredtobe
freeagainacertaintimeaftertheSTOPcondition.
• ThebusstaysbusyifarepeatedSTART(Sr)is
generatedinsteadofaSTOPcondition.Insome
respects,theSTART(S)andrepeatedSTART(Sr)
conditionsarefunctionallyidentical.
P
S
SDA
SCL
SDA
SCL
STARTcondition
STOPcondition
Byte Format
EverybyteputontheSDAlinemustbe8-bitlong.
Thenumberofbytesthatcanbetransmittedper
transferisunrestricted.Eachbytehastobefollowed
byanacknowledgebit.Dataistransferredwiththe
mostsignificantbit,MSB,first.
S
or
Sr
P
or
Sr
SDA
SCL
1
2
7
8
9
ACK
1
2
3-8
9
ACK
P
Sr
Acknowledge
• Each bytes of eight bits is followed by one
acknowledgebit.ThisAcknowledgebitisalow
levelplacedonthebusbythereceiver.Themaster
generates anextraacknowledge relatedclock
pulse.
• Aslavereceiverwhichisaddressedmustgenerate
anAcknowledge,ACK,afterthereceptionofeach
byte.
• Thedevicethatacknowledgesmustpulldownthe
SDAlineduringtheacknowledgeclockpulseso
thatitremainsstablelowduringthehighperiodof
thisclockpulse.
• Amasterreceivermustsignalanendofdatatothe
slavebygeneratinganot-acknowledge,NACK,
bitonthelastbytethathasbeenclockedoutof
theslave.Inthiscase,themasterreceivermust
leavethedatalinehighduringthe9thpulsetonot
acknowledge.ThemasterwillgenerateaSTOPor
repeatedSTARTcondition.
S
1
2
7
8
9
clockpulsefor
acknowledgement
DataOutput
byTransmitter
DataOutptu
byReceiver
SCLFrom
Master
acknowledge
notacknowledge
START
condition
Slave Addressing
• Theslaveaddressbyteisthefirstbytereceived
followingtheSTARTconditionformthemaster
device.Thefirstsevenbitsofthefirstbytemake
uptheslaveaddress.Theeighthbitdefinesaread
orwriteoperationtobeperformed.WhentheR/W
bitis“1”,areadoperationisselected.WhentheR/
Wbitis“0”,awriteoperationisselected.
• TheHT9B95deviceaddressbitsare“0111110”.
Whenanaddressbyteissent,thedevicecompares
thefirstsevenbitsaftertheSTARTcondition.If
theymatch,thedeviceoutputsanAcknowledgeon
theSDAline.
Slave Address
0
1
1
1
1
1
0
MSB
LSB
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com