Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Rev. 1.10
18
November 25, 2015
HT9B95A/B/G
Command Summary
Theoverallcommandsaresummarizedinthissection.
Notethatthebit7denotedas“C”intheindividual
commandhereistheselectionbitwhichisusedto
determinethatthenextbyteisthedisplayRAMdata
orcommandbyte.
C bit
Description
0
Next byte is Display RAM data
1
Next byte is command
Command
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Function description
Display RAM
Address setting
C
0
A5
A4
A3
A2
A1
A0
The display RAM address and
command register setting.
LCD driving Voltage
Adjustment (LVA)
C
1
0
LV4
LV3
LV2
LV1
LV0 Adjust the maximum voltage
level of LCD driving voltage.
Display control
C
1
1
0
FR1
FR0
PS1
PS0 Frame frequency setting and
power save mode setting
Drive mode setting
and software reset
C
1
1
1
0
W
SR
D
LCD drive waveform select,
display ON/OFF setting and
software reset
All pixel control
setting
C
1
1
1
1
0
AP1
AP0 All pixel control setting
Duty and Bias
setting
C
1
1
1
1
1
0
DB Duty and bias setting
Note:The“DutyandBiassetting”commandisavailableintheHT9B95BandHT9B95Gdevice.
Display RAM Address Setting Command
ThiscommandisusedtodefinetheaccessedaddressofthedisplayRAMorcommandregister.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1 (LSB)
Bit0
Note
Address Pointer
C
0
A5
A4
A3
A2
A1
A0
Display RAM memory start address
or Command register address.
Note:
• ThedisplayRAMaddressrangeisdependentupontheselecteddevicewithdifferentdutysetting.
Part No.
Duty
Maximum Available Address
HT9B95A
1/8
22H
HT9B95B
HT9B95G
1/4
15H
1/8
26H
• Thecommandregisteraddressisdependentupontheselecteddevice.
Part No.
Command Register 1 Address
Command Register 2 Address
HT9B95A
23H
24H
HT9B95B
HT9B95G
27H
28H
• Poweronstatus:theaddresswillbesetto00H
• Iftheprogrammedcommandisnotdefined,thefunctionwillnotbeaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com