Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT9B95 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Rev. 1.10
1
November 25, 2015
Rev. 1.00
PB
November 25, 2015
HT9B95A/B/G
RAM Mapping 39×8 / 43×4 LCD Driver
Feature
• LogicOperatingVoltage:2.4V~5.5V
• Integratedoscillatorcircuitry
• Bias:1/3or1/4
• InternalLCDbiasgenerationwithvoltage-follower
buffers
• ExternalVLCDpintosupplyLCDoperatingvoltage
• SupportI2C-busserialinterface
• IntegratedvoltageadjustmentfunctionforLCD
drivingvoltage
• Upto39×8bitsRAMfordisplaydatastorage
• Displaypatterns
♦
HT9B95A:35×8patterns-35segmentsand8commons
♦
HT9B95B:39×8patterns-39segmentsand8commons
43×4patterns-43segmentsand4commons
♦
HT9B95G:39×8patterns-39segmentsand8commons
43×4patterns-43segmentsand4commons
• SupportPowerSaveModeforlowpowerconsumption
• PackageType
♦
HT9B95A:48-pinTSSOP,52-pinLQFP
♦
HT9B95B:52-pinLQFP
♦
HT9B95G:COG
Selection Table
Part No.
COM
SEG
Package
HT9B95A
8
35
48TSSOP, 52LQFP
HT9B95B
8
39
52LQFP
4
43
HT9B95G
8
39
COG
4
43
Applications
• Leisureproducts
• Telephonedisplay
• Householdappliance
• Consumerelectronics
General Description
The HT9B95 is a memory mappling and multi-
functionLCDcontrollerdriver.Themaximumdisplay
segmentsofthedeviceare312patterns(39segments
and8commons)or280patterns(35segmentsand8
commons)displaydependinguponwhichdeviceis
selected.Thesoftwareconfigurationfeatureofthe
HT9B95devicemakesitsuitableformultipleLCD
applicationsincludingLCDmodulesanddisplay
subsystems.TheHT9B95devicecommunicateswith
mostmicroprocessors/microcontrollersviaatwo-wire
bidirectionalI2C-businterface.


Similar Part No. - HT9B95

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT9B95A HOLTEK-HT9B95A Datasheet
723Kb / 32P
RAM Mapping 39×8 / 43×4 LCD Driver
HT9B95B HOLTEK-HT9B95B Datasheet
723Kb / 32P
RAM Mapping 39×8 / 43×4 LCD Driver
HT9B95G HOLTEK-HT9B95G Datasheet
723Kb / 32P
RAM Mapping 39×8 / 43×4 LCD Driver
More results

Similar Description - HT9B95

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT16C21 HOLTEK-HT16C21 Datasheet
3Mb / 34P
RAM Mapping 20*4 / 16*8 LCD Driver Controller
November 22, 2011
HT16C22 HOLTEK-HT16C22 Datasheet
407Kb / 30P
RAM Mapping 44*4 LCD Controller Driver
May 10, 2011
HT16C23 HOLTEK-HT16C23 Datasheet
2Mb / 35P
RAM Mapping 56*4 / 52*8 LCD Driver Controller
June 21, 2011
HT16L21 HOLTEK-HT16L21 Datasheet
1Mb / 36P
RAM Mapping 32x4 LCD Driver
HT16L23 HOLTEK-HT16L23 Datasheet
2Mb / 43P
RAM Mapping 52*4 / 48*8 LCD Driver
November 16, 2011
HT16L21V110 HOLTEK-HT16L21V110 Datasheet
2Mb / 32P
RAM Mapping 32횞4 LCD Driver
HT9B92G HOLTEK-HT9B92G Datasheet
1Mb / 21P
RAM Mapping 40x4 LCD Driver
HT9B92 HOLTEK-HT9B92 Datasheet
1Mb / 25P
RAM Mapping 36횞4 LCD Driver
HT1628 HOLTEK-HT1628 Datasheet
1Mb / 17P
RAM Mapping 116횞2 LCD Driver
December 20, 2016
HT1629G HOLTEK-HT1629G Datasheet
2Mb / 23P
240횞2 RAM Mapping LCD Driver
November 11, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com