Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 20Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 21Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 22Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Rev. 1.10
19
November 25, 2015
HT9B95A/B/G
LCD Driving Voltage Adjustment Command – LVA
ThiscommandisusedtoadjustthemaximumvoltageleveloftheLCDdrivingvoltage,V0.
Function
(MSB)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
(LSB)
Bit0
Note
LCD driving Voltage Adjustment (LVA)
C
1
0
LV4
LV3
LV2
LV1
LV0
—
Note: V0: The maximum voltage level of the LCD driving voltage.
The relationship between V0 and LVA setting is summarized as the following table shown.
LV4~LV0
Voltage ratio
VLCD =5.5V
VLCD =5V
VLCD =3.5V
VLCD =3V
VLCD =2.5V
00000
VLCD
V0=5.500V
V0=5.000V
V0=3.500V
V0=3.000V
V0=2.500V
00001
0.967 * VLCD
V0=5.319V
V0=4.835V
V0=3.385V
V0=2.901V
V0=2.418V
00010
0.937 * VLCD
V0=5.154V
V0=4.685V
V0=3.280V
V0=2.811V
V0=2.343V
00011
0.909 * VLCD
V0=5.000V
V0=4.545V
V0=3.182V
V0=2.727V
V0=2.273V
00100
0.882 * VLCD
V0=4.851V
V0=4.410V
V0=3.087V
V0=2.646V
V0=2.205V
00101
0.857 * VLCD
V0=4.714V
V0=4.285V
V0=3.000V
V0=2.571V
V0=2.143V
00110
0.833 * VLCD
V0=4.582V
V0=4.165V
V0=2.916V
V0=2.499V
V0=2.083V
00111
0.810 * VLCD
V0=4.455V
V0=4.050V
V0=2.835V
V0=2.430V
V0=2.025V
01000
0.789 * VLCD
V0=4.340V
V0=3.945V
V0=2.762V
V0=2.367V
V0=1.973V
01001
0.769 * VLCD
V0=4.230V
V0=3.845V
V0=2.692V
V0=2.307V
V0=1.923V
01010
0.750 * VLCD
V0=4.125V
V0=3.750V
V0=2.625V
V0=2.250V
V0=1.875V
01011
0.731 * VLCD
V0=4.021V
V0=3.655V
V0=2.559V
V0=2.193V
V0=1.828V
01100
0.714 * VLCD
V0=3.927V
V0=3.570V
V0=2.499V
V0=2.142V
V0=1.785V
01101
0.697 * VLCD
V0=3.834V
V0=3.485V
V0=2.440V
V0=2.091V
V0=1.743V
01110
0.681 * VLCD
V0=3.746V
V0=3.405V
V0=2.384V
V0=2.043V
V0=1.703V
01111
0.666 * VLCD
V0=3.663V
V0=3.330V
V0=2.331V
V0=1.998V
V0=1.665V
10000
0.652 * VLCD
V0=3.586V
V0=3.260V
V0=2.282V
V0=1.956V
V0=1.630V
10001
0.638 * VLCD
V0=3.509V
V0=3.190V
V0=2.233V
V0=1.914V
V0=1.595V
10010
0.625 * VLCD
V0=3.438V
V0=3.125V
V0=2.188V
V0=1.875V
V0=1.563V
10011
0.612 * VLCD
V0=3.366V
V0=3.060V
V0=2.142V
V0=1.836V
V0=1.530V
10100
0.600 * VLCD
V0=3.300V
V0=3.000V
V0=2.100V
V0=1.800V
V0=1.500V
10101
0.588 * VLCD
V0=3.234V
V0=2.940V
V0=2.058V
V0=1.764V
V0=1.470V
10110
0.576 * VLCD
V0=3.168V
V0=2.880V
V0=2.016V
V0=1.728V
V0=1.440V
10111
0.566 * VLCD
V0=3.113V
V0=2.830V
V0=1.981V
V0=1.698V
V0=1.415V
11000
0.555 * VLCD
V0=3.053V
V0=2.775V
V0=1.943V
V0=1.665V
V0=1.388V
11001
0.545 * VLCD
V0=2.998V
V0=2.725V
V0=1.908V
V0=1.635V
V0=1.363V
11010
0.535 * VLCD
V0=2.943V
V0=2.675V
V0=1.873V
V0=1.605V
V0=1.338V
11011
0.526 * VLCD
V0=2.893V
V0=2.630V
V0=1.841V
V0=1.578V
V0=1.315V
11100
0.517 * VLCD
V0=2.844V
V0=2.585V
V0=1.810V
V0=1.551V
V0=1.293V
11101
0.508 * VLCD
V0=2.794V
V0=2.540V
V0=1.778V
V0=1.524V
V0=1.270V
11110
0.500 * VLCD
V0=2.750V
V0=2.500V
V0=1.750V
V0=1.500V
V0=1.250V
11111
0.491 * VLCD
V0=2.701V
V0=2.455V
V0=1.719V
V0=1.473V
V0=1.228V
Prohibit setting
• ItisprohibitedtosetV0voltagelessthan2.5Vandthecondition“VLCD-V0>0.6V”mustbemet.Ifthe
voltageof(VLCD-V0)isequaltoorlessthan0.6V,theoutputvoltagewillbeunstable.
• Poweronstatus:V0=VLCD.
• Iftheprogrammedcommandisnotdefined,thefunctionwillnotbeaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com