Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 19Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
Rev. 1.10
16
November 25, 2015
HT9B95A/B/G
• Display RAM Page Write Operation
AfteraSTARTconditiontheslaveaddresswith
aR/W bitisplacedonthebus followedwith
thespecifieddisplayRAMRegisterAddressof
whichthecontentsarewrittenintotheinternal
addresspointer.Thedatatobewrittenintothe
memorywillbetransmittednext.Theinternal
addresspointerwillbeincrementedby1after
a8-bitdataisshiftedin.Thentheacknowledge
clockpulsewillbereceivedafteran8-bitdatais
shifted.Aftertheinternaladdresspointreachesthe
maximumavailableaddress,22H,15Hor26H,the
addresspointerwillberesetto00H.Itisstrongly
recommendedtowritethedisplayRAMdatafrom
address00Htomaximumavailableaddressusing
theDisplayRAMPageWriteOperation.
Part No. Duty Maximum Available Address
HT9B95A
1/8
22H
HT9B95B
HT9B95G
1/4
15H
1/8
26H
Display RAM Maximum Available Address
Read Operation
• Display RAM Read Operation
The master reads the display RAM data after
setting the slave address. Following the R/W
bit(=”0”)isanacknowledgebitandtheregister
addressbytewhichiswrittentotheinternaladdress
pointer.Afterthestartaddressofthereadoperation
hasbeenconfigured,anotherSTARTconditionand
theslaveaddresstransferredonthebusfollowed
bytheR/Wbit(=”1”).ThentheMSBofthedata
whichwasaddressedistransmittedfirstonthe
I2Cbus.Theaddresspointerisonlyincremented
by1afterthereceptionofanacknowledgeclock.
Afterreachingthemaximumavailableaddress,the
addresspointerwillberesetto00H.TheCbitin
theregisteraddressbytecanbesetto“1”or“0”.
Thisreadoperationwillcontinueuntilthemaster
sendsaSTOPcondition.Themaximumavailable
addressissummarizedintheabovesection.
Slave Address
ACK
S
0
1
1
1
1
1
0
0
ACK
Address n
ACK
Data byte
P
D7
D6
D5
D4
D3
D2
D1
D0
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
nth data
ACK
RAM Address byte
A0
A1
A2
A3
A4
A5
0
0
( n+1)th data
Nth data
W
R/
C bit
I2C Interface N Bytes Display RAM Data Write Operation
ACK
Write
P
Slave Address
S
0
1
1
1
1
1
0
0
Data byte
NACK
D7
D6
D5
D4
D3
D2
D1
D0
1st data
Data byte
ACK
P
D7
D6
D5
D4
D3
D2
D1
D0
Nth data
Data byte
D7
D6
D5
D4
D3
D2
D1
D0
2nd data
ACK
ACK
Device Address
Read
S
0
1
1
1
1
1
0
1
ACK
RAM Address byte
A0
A1
A2
A3
A4
A5
0
C
W
R/
C bit
W
R/
Display RAM Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com