Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 31 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 31 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 31Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 32Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Rev. 1.10
31
November 25, 2015
HT9B95A/B/G
52-pin LQFP (14mm×14mm) Outline Dimensions
39
40
52
1
27
13
A
B
C
D
14
26
E
F
G
H
I
J
K
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.622
0.630
0.638
B
0.547
0.551
0.555
C
0.622
0.630
0.638
D
0.547
0.551
0.555
E
—
0.039 BSC
—
F
0.015
—
0.019
G
0.053
0.055
0.057
H
—
—
0.063
I
0.002
—
0.008
J
0.018
—
0.030
K
0.005
—
0.007
α
0°
—
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
15.80
16.00
16.20
B
13.90
14.00
14.10
C
15.80
16.00
16.20
D
13.90
14.00
14.10
E
—
1.00 BSC
—
F
0.39
—
0.48
G
1.35
1.40
1.45
H
—
—
1.60
I
0.05
—
0.20
J
0.45
—
0.75
K
0.13
—
0.18
α
0°
—
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com