Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Rev. 1.10
15
November 25, 2015
HT9B95A/B/G
I2C Interface Write Operation
Write Operation
AWriteoperationrequiresaSTARTcondition,a
slaveaddressbytewithaR/Wbit,acommandbyte,a
commandbyteordisplayRAMdatabyteandaSTOP
condition.
TheMSBofthecommandbyteisdefinedas“C”bit,
theCbitisthecommand/dataselectionbit.Whenthe
Cbitissetto“1”,thenextbyteisacommandbyte.
WhentheCbitissetto“0”,thenextbyteisdisplay
RAMdata.Thedatatransferformatisshowninthe
accompanyingdiagram.
OnceitentersdisplayRAMdatawritemode,itcan
notbewrittenanycommand.Towriteacommand
byte,itisnecessarytogenerateaSTARTcondition
again.
• Single Command Type
ASingleCommandwriteoperationrequiresa
STARTcondition,aslaveaddresswithaR/Wbit,
acommandbyteandaSTOPconditionforasingle
commandwriteoperation.
Slave Address
ACK
Command byte
ACK
S
0
1
1
1
1
1
0
0
1st
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
1
P
W
R/
C bit
I2C Single Command Type Write Operation
• Compound Command Type
ACompoundCommandwriteoperationrequiresa
STARTcondition,aslaveaddresswithaR/Wbit
followedbymultiplecommandbytesandfinallya
STOPconditionforacompoundcommandwrite
operation.
• Display RAM Single Data Byte
AdisplayRAMdatabytewriteoperationrequires
aSTARTcondition,aslaveaddresswithaR/Wbit,
avalidRegisterAddressbyte,aDatabyteanda
STOPcondition.
Thestartaddresscanonlybesetfrom00Hto
themaximumavailableaddress,22H,15Hor
26H,dependinguponwhichdeviceisusedwith
differentdutyconfigurations.Itisrecommended
thatthestartaddressshouldnotbegreaterthanthe
maximumavailableaddress.
Slave Address
ACK
Command byte
ACK
S
0
1
1
1
1
1
0
0
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
C
W
R/
Command byte
ACK
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
C
P
C bit ="1", the next byte is command
I2C Command Type Write Operation
Slave Address
ACK
RAM Address byte
ACK
S
0
1
1
1
1
1
0
0
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
C
W
R/
RAM Data byte
ACK
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
P
C bit ="0", the next byte is display RAM data
I2C Display RAM Data Write Operation
ACK
Command byte
P
1
nth Command
Command byte
1
1st Command
ACK
Slave Address
0
1
1
1
1
1
0
0
ACK
Bit0
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit6 Bit5 Bit4 Bit3 Bit2 Bit1
S
C bit
C bit
W
R/
Command byte
1
2nd Command
ACK
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
C bit
I2C Compound Command Type Write Operation
Slave Address
ACK
S
0
1
1
1
1
1
0
0
RAM Data byte
ACK
P
D7
D6
D5
D4
D3
D2
D1
D0
RAM Address byte
ACK
A0
A1
A2
A3
A4
0
0
W
R/
A5
C bit
I2C Display RAM Single Data Byte Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com