Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT9B95 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT9B95
Description  RAM Mapping 39횞8 / 43횞4 LCD Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9B95 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT9B95 Datasheet HTML 23Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 24Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 25Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 26Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 27Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 28Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 29Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 30Page - Holtek Semiconductor Inc HT9B95 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Rev. 1.10
27
November 25, 2015
HT9B95A/B/G
Application Circuit
HT9B95A – 1/8 Duty and 1/4 Bias
HT9B95A
SCL
SDA
VDD
VSS
MCU
VDD
VSS
0.1uF
VSS
VDD
VLCD
4.7kΩ
4.7kΩ
VLCD
LCD panel
COM
SEG
8
35
HT9B95B/HT9B95G – 1/8 Duty and 1/4 Bias
HT9B95B
HT9B95G
SCL
SDA
VDD
VSS
MCU
VDD
VSS
0.1uF
VSS
VDD
VLCD
4.7kΩ
4.7kΩ
VLCD
LCD panel
COM
SEG
8
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com