Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 45 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 45 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 41Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 42Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 43Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 44Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 45Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 46Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 47Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 48Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 49Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 235 page
background image
Rev. 1.30
44
�ove��e� 1�� �01�
Rev. 1.30
45
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Flash Memory Write Procedure
AftertheFlashmemorywritefunctionissuccessfullyenabledthroughtheprecedingIAPprocedure,users
mustfirsterasethecorrespondingFlashmemoryblockandtheninitiatetheFlashmemorywriteoperation.
FortheHT69F340device,thenumberoftheblockeraseoperationis256wordsperblock,theavailable
blockeraseaddressisonlyspecifiedbyFARHregisterandthecontentintheFARLregisterisnotusedto
specifytheblockaddress.FortheHT69F350device,sincethenumberofthepageeraseoperationis32
wordsperpage,theavailablepageeraseaddressisspecifiedbyFARHregisterandthecontentofbit7~bit5
intheFARLregister.FortheHT69F360device,sincethenumberofthepageeraseoperationis64
wordsperpage,theavailablepageeraseaddressisspecifiedbyFARHregisterandthecontentof
bit7~bit6intheFARLregister.
Erase Block
HT69F340
FARH [3:0]
FARL [7:0]
0
0000
xxxx xxxx
1
0001
xxxx xxxx
�
0010
xxxx xxxx
3
0011
xxxx xxxx
4
0100
xxxx xxxx
5
0101
xxxx xxxx
:
:
:
:
:
:
1�
1100
xxxx xxxx
13
1101
xxxx xxxx
14
1110
xxxx xxxx
15
1111
xxxx xxxx
“x”:don’tcare
HT69F340 Erase Block Number and Selection
Erase Page
HT69F350
HT69F360
FARH
FARL
FARH
FARL
0
0000 0000
000x xxxx
0000 0000
00xx xxxx
1
0000 0000
001x xxxx
0000 0001
01xx xxxx
�
0000 0000
010x xxxx
0000 0010
10xx xxxx
3
0000 0000
011x xxxx
0000 0011
11xx xxxx
4
0000 0000
100x xxxx
0000 0100
00xx xxxx
5
0000 0000
101x xxxx
0000 0101
01xx xxxx
�
0000 0000
110x xxxx
0000 0110
10xx xxxx
7
0000 0000
111x xxxx
0000 0111
11xx xxxx
�
0000 0001
000x xxxx
0000 1000
00xx xxxx
9
0000 0001
001x xxxx
0000 1001
01xx xxxx
:
:
:
:
:
:
:
:
:
:
�5�
0001 1111
100x xxxx
0011 1111
00xx xxxx
�53
0001 1111
101x xxxx
0011 1111
01xx xxxx
�54
0001 1111
110x xxxx
0011 1111
10xx xxxx
�55
0001 1111
111x xxxx
0011 1111
11xx xxxx
“x”:don’tcare
Note:Thereare256IAPerasepagesintheHT69F350/HT69F360devices.
HT69F350/360 Erase Block Number and Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com