Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 4Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 5Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 6Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 7Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 8Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 9Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 10Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 11Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 235 page
background image
Rev. 1.30
�
�ove��e� 1�� �01�
Rev. 1.30
9
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
General Description
TheseriesofdevicesareLCDtypeFlashMemory8-bithighperformanceRISCarchitecture
microcontrollers,designedforapplicationswhichrequireanLCDinterface.Offeringusersthe
convenienceofFlashMemorymulti-programmingfeatures,thesedevicesalsoincludeawiderange
offunctionsandfeatures.OthermemoryincludesanareaofRAMDataMemoryaswellasanarea
oftrueEEPROMmemoryforstorageofnon-volatiledatasuchasserialnumbers,calibrationdata
etc.
Reagardingtheanalogfeatures,multipleandextremelyflexibleTimerModulesprovidetiming,pulse
generation,captureinput,comparematchoutputandPWMgenerationfunctions.Communication
withtheoutsideworldiscateredforbyincludingUARTinterfaceandfullyintegratedSPIorI2C
interfacefunctions,popularinterfaceswhichprovidedesignerswithameansofeasycommunication
withexternalperipheralhardware.ProtectivefeaturessuchasaninternalWatchdogTimer,Low
VoltageResetandLowVoltageDetectorcoupledwithexcellentnoiseimmunityandESDprotection
ensurethatreliableoperationismaintainedinhostileelectricalenvironments.
AfullchoiceofHXT,LXT,HIRCandLIRCoscillatorfunctionsareprovidedincludingafully
integratedsystemoscillatorwhichrequiresnoexternalcomponentsforitsimplementation.The
abilitytooperateandswitchdynamicallybetweenarangeofoperatingmodesusingdifferent
clocksourcesgivesuserstheabilitytooptimisemicrocontrolleroperationandminimizepower
consumption.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethattheseriesofdeviceswillfindexcellentuseinapplicationssuchaselectronic
metering,environmentalmonitoring,handheldinstruments,householdappliances,electronically
controlledtools,motordrivinginadditiontomanyothers.
Selection Table
Mostfeaturesarecommontoalldevices.ThemainfeaturesdistinguishingthemareProgram
Memory,DataMemorycapacity,EEPROMcapacity,I/Ocount,TMfeatures,LCDdisplayand
packagetypes.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No.
VDD
Program
Memory
Data
Memory
Data
EEPROM
I/O
Ext. Int.
Stack
HT�9F340
1.�V~5.5V
4K×1�
�5��
�4�
39
�
�
HT�9F350
1.�V~5.5V
�K×1�
51��
�4�
55
�
�
HT�9F3�0
1.�V~5.5V
1�K×1�
10�4�
1���
�3
�
�
Part No.
Timer Module
Interface
(SPI/I2C)
UART
Time
Base
LCD Driver
Package
HT�9F340
10-�it CTM×1
10-�it PTM×1
√
−
�
�4×4/�5×3
4�LQFP
HT�9F350
10-�it CTM×1
1�-�it STM×1
10-�it PTM×1
√
−
�
3�×4/37×3
4�/�4LQFP
HT�9F3�0
10-�it CTM×1
1�-�it STM×1
10-�it PTM�
√
√
�
4�×4/49×3
�4/�0LQFP
Note:Asdevicesexistinmorethanonepackageformat,thetablereflectsthesituationforthe
packagewiththemostpins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com