Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 25Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 26Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 27Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 235 page
background image
Rev. 1.30
��
�ove��e� 1�� �01�
Rev. 1.30
�9
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VDD
Condition
fSYS
Syste� clock (HXT)
1.�V~5.5V
—
0.4
—
4
MHz
�.0V~5.5V
0.4
—
�
MHz
�.7V~5.5V
0.4
—
1�
MHz
4.5V~5.5V
0.4
—
1�
MHz
Syste� clock (HIRC)
3V/5V
Ta=�5°C
-�%
4
+�% MHz
3V/5V
Ta=�5°C
-�%
�
+�% MHz
5V
Ta=�5°C
-�%
1� +�% MHz
�.�V~3.�V Ta=-40°C~�5°C
-�%
4
+�% MHz
3.0V~5.5V Ta=-40°C~�5°C
-�%
4
+�% MHz
�.�V~3.�V Ta=-40°C~�5°C
-�%
�
+�% MHz
3.0V~5.5V Ta=-40°C~�5°C
-�%
�
+�% MHz
3.0V~5.5V Ta=-40°C~�5°C
-11% 1� +11% MHz
Syste� Clock (LIRC)
5V
Ta = �5°C
-10% 3� +10% kHz
�.�V~5.5V Ta = -40°C~�5°C
-50% 3� +�0% kHz
tEERD
EEPROM Read Ti�e
—
—
1
�
4
tSYS
tEEWR
EEPROM W�ite Ti�e
—
—
1
�
4
�s
tTIMER
xTCKn and ti�e� captu�e Input
Pulse Width
—
—
0.3
—
—
μs
tRES
Exte�nal Reset Low Pulse Width
—
—
10
—
—
μs
tI�T
Inte��upt Pulse Width
—
—
10
—
—
μs
tSST
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT�
fSYS off at HALT state�
Slow Mode → Normal Mode,
Normal Mode → Slow Mode)
—
fSYS =HXT o� LXT
(Slow Mode→�o��al Mode(HXT)�
�o��al Mode→Slow Mode(LXT))
10�4 —
—
tSYS
fSYS =HXT
(Wake-up f�o� HALT�
fSYS off at HALT state)
1��
—
—
tSYS
fSYS = LXT
(Wake-up f�o� HALT�
fSYS off at HALT state)
10�4 —
—
tSYS
—
fSYS = HIRC
1�
—
—
tSYS
—
fSYS = LIRC
�
—
—
tSYS
Syste� Sta�t-up Ti�e� Pe�iod
(Wake-up f�o� HALT�
fSYS on at HALT state)
—
—
�
—
—
tSYS
tRSTD
Syste� Reset Delay Ti�e
(Powe� On Reset� LVR �eset�
LVR S/W �eset(LVRC)�
WDT S/W �eset(WDTC))
—
—
�5
50
100
�s
Syste� Reset Delay Ti�e
(RES �eset� WDT no��al �eset)
—
—
�.3 1�.7 33.3 �s
Note:1.tSYS=1/fSYS
2.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1µFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com