Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 80 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 80 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 76Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 77Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 78Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 79Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 80Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 81Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 82Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 83Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 84Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 235 page
background image
Rev. 1.30
�0
�ove��e� 1�� �01�
Rev. 1.30
�1
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheSLEEPorIDLEModefunctionorWatchdogTimer.Theresetflagsare
showninthetable:
TO
PDF
RESET Conditions
0
0
Powe�-on �eset
u
u
LVR �eset du�ing �ORMAL o� SLOW Mode ope�ation
1
u
WDT ti�e-out �eset du�ing �ORMAL o� SLOW Mode ope�ation
1
1
WDT ti�e-out �eset du�ing IDLE o� SLEEP Mode ope�ation
�ote: “u” stands fo� unchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
P�og�a� Counte�
Reset to ze�o
Inte��upts
All inte��upts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins counting
Ti�e� Modules
Ti�e� Modules will �e tu�ned off
Input/Output Po�ts
I/O po�ts will �e setup as inputs
Stack Pointe�
Stack Pointe� will point to the top of the stack
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectsthemicrocontrollerinternalregisters.Notethatwheremore
thanonepackagetypeexiststhetablewillreflectthesituationforthelargerpackagetype.
HT69F340
Register
Power-On
Reset
RES or LVR Reset
(Normal Operation)
RESReset
(HALT)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1L
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP1H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000 0000
0000 0000
0000 0000
0000 0000
0000 0000
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBHP
---- xxxx
---- uuuu
---- uuuu
---- uuuu
---- uuuu
STATUS
xx00 xxxx
uuuu uuuu
uu01 uuuu
xx1u uuuu
u u11 uu u u
IAR�
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP�L
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
MP�H
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
TBC
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
001 1 -1 1 1
uuuu -uuu
I�TC0
-000 0000
-000 0000
-000 0000
-000 0000
-uuu uuuu
I�TC1
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
SMOD1
---- -x00
---- -x00
---- -x00
---- -x00
---- -uuu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com