Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 98 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 98 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 94Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 95Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 96Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 97Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 98Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 99Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 100Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 101Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 102Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 235 page
background image
Rev. 1.30
9�
�ove��e� 1�� �01�
Rev. 1.30
99
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
PGFS Register – HT69F350/HT69F360
Bit
7
6
5
4
3
2
1
0
�a�e
PGFS7
PGFS�
PGFS5
PGFS4
PGFS3
PGFS�
PGFS1
PGFS0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit7
PGFS7:PG7pin-sharedfunctionselection
0:I/O
1:SEG31
Bit6
PGFS6:PG6pin-sharedfunctionselection
0:I/O
1:SEG30
Bit5
PGFS5:PG5pin-sharedfunctionselection
0:I/O
1:SEG29
Bit4
PGFS4:PG4pin-sharedfunctionselection
0:I/O
1:SEG28
Bit3
PGFS3:PG3pin-sharedfunctionselection
0:I/O
1:SEG27
Bit2
PGFS2:PG2pin-sharedfunctionselection
0:I/O
1:SEG26
Bit1
PGFS1:PG1pin-sharedfunctionselection
0:I/O
1:SEG25
Bit0
PGFS0:PG0pin-sharedfunctionselection
0:I/O
1:SEG24
PHFS Register – HT69F350
Bit
7
6
5
4
3
2
1
0
�a�e
—
—
—
—
PHFS3
PHFS�
PHFS1
PHFS0
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
1
1
1
1
Bit7~4
Unimplemented,readas“0”
Bit3
PHFS3:PH3pin-sharedfunctionselection
0:I/O
1:SEG35
Bit2
PHFS2:PH2pin-sharedfunctionselection
0:I/O
1:SEG34
Bit1
PHFS1:PH1pin-sharedfunctionselection
0:I/O
01:SEG33
Bit0
PHFS0:PH0pin-sharedfunctionselection
0:I/O
1:SEG32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com