Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 30 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 30 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 26Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 27Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 28Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 29Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 30Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 31Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 32Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 33Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 34Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 235 page
background image
Rev. 1.30
30
�ove��e� 1�� �01�
Rev. 1.30
31
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
LVD & LVR Electrical Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ. Max.
Unit
VDD
Conditions
VLVR
Low Voltage Reset Voltage
—
LVR Ena�le� 1.70V option
-5%
1.7
+5%
V
LVR Ena�le� 1.90V option
1.9
LVR Ena�le� �.55V option
�.55
LVR Ena�le� 3.15V option
3.15
LVR Ena�le� 3.�0V option
3.�
VLVD
Low Voltage Detecto� Voltage
—
LVDE�=1� VLVD=1.�V
-5%
1.�
+5%
V
LVDE�=1� VLVD=�.0V
�.0
V
LVDE�=1� VLVD=�.4V
�.4
V
LVDE�=1� VLVD=�.7V
�.7
V
LVDE�=1� VLVD=3.0V
3.0
V
LVDE�=1� VLVD=3.3V
3.3
V
LVDE�=1� VLVD=3.�V
3.�
V
LVDE�=1� VLVD=4.0V
4.0
V
ILVR
Additional Powe� Consu�ption if
LVR is used
3V
LVR disable → LVR enable
—
10
�0
μA
5V
—
15
30
μA
ILVD
Additional Powe� Consu�ption if
LVD is used
3V LVD disable → LVD enable
(LVR disa�le)
—
10
�0
μA
5V
—
15
30
μA
3V LVD disable → LVD enable
(LVR ena�le)
—
1
�
μA
5V
—
�
4
μA
tLVR
Low Voltage Width to Reset
—
—
1�0
�40
4�0
μs
tLVD
Low Voltage Width to Inte��upt
—
—
�0
1�0
�40
μs
tLVDS
LVDO sta�le ti�e
— For LVR enable, LVD off → on
—
—
15
μs
— For LVR disable, LVD off → on
—
—
150
μs
tSRESET
Softwa�e Reset Width to Reset
—
—
45
90
1�0
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com