Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 44Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 45Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 46Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 47Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 48Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 49Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 50Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 235 page
background image
Rev. 1.30
4�
�ove��e� 1�� �01�
Rev. 1.30
49
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
RAM Data Memory
TheDataMemoryisavolatileareaof8-bitwideRAMinternalmemoryandisthelocationwhere
temporaryinformationisstored.
Dividedintothreetypes,thefirstoftheseisanareaofRAMwherespecialfunctionregistersare
located.Theseregistershavefixedlocationsandarenecessaryforcorrectoperationofthedevice.
Manyoftheseregisterscanbereadfromandwrittentodirectlyunderprogramcontrol,however,
someremainprotectedfromusermanipulation.ThesecondareaofDataMemoryisreservedfor
generalpurposeuse.Alllocationswithinthisareaarereadandwriteaccessibleunderprogram
control.ThethirdareaisreservedfortheLCDMemory.ThisspecialareaofDataMemoryis
mappeddirectlytotheLCDdisplaysodatawrittenintothismemoryareawilldirectlyaffectthe
displayeddata.
Structure
TheDataMemoryissubdividedintoseveralsectors,allofwhichareimplementedin8-bitwide
RAM.EachoftheDataMemorySectorsiscategorizedintotwotypes,thespecialPurposeData
MemoryandtheGeneralPurposeDataMemory.Whilethe80H~98HofHT69F340,the80H~A4H
ofHT69F350or80H~B0HofHT69F360ofSector1isLCDMemory.
ThestartaddressoftheDataMemoryforalldevicesistheaddress00Hwhilethestartaddress
oftheGeneralPurposeDataMemoryistheaddress80H.Thespecialpurposeregisterswhichare
addressedfrom00Hto7FHinDataMemoryarecommontoallsectorsandareaccessibleinall
sectorsexceptEECregisterwhichcanonlybeaddressedinSector1.
Device
Special Purpose
Data Memory
LCD Display
Data Memory
General Purpose
Data Memory
Capacity
Sectors
Capacity
Sectors
Capacity
Sectors
HT�9F340
1���
0~�: 00H~7FH
�5�
1: �0H~9�H
�5��
0: �0H~FFH
�: �0H~FFH
HT�9F350
1���
0~4: 00H~7FH
37×4
1: �0H~A4H
51��
0: �0H~FFH
�: �0H~FFH
3: �0H~FFH
4: �0H~FFH
HT�9F3�0
1���
0~�: 00H~7FH
49×4
1: �0H~B0H
10�4�
0: �0H~FFH
�: �0H~FFH
:
�: �0H~FFH
Data Memory Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com