Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT69F340 Datasheet(PDF) 55 Page - Holtek Semiconductor Inc

Part # HT69F340
Description  TinyPowerTM I/O Flash MCU with LCD & EEPROM
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT69F340 Datasheet(HTML) 55 Page - Holtek Semiconductor Inc

Back Button HT69F340 Datasheet HTML 51Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 52Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 53Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 54Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 55Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 56Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 57Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 58Page - Holtek Semiconductor Inc HT69F340 Datasheet HTML 59Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 235 page
background image
Rev. 1.30
54
�ove��e� 1�� �01�
Rev. 1.30
55
�ove��e� 1�� �01�
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
HT69F340/HT69F350/HT69F360
TinyPowerTM I/O Flash MCU with LCD & EEPROM
STATUS Register
Bit
7
6
5
4
3
2
1
0
�a�e
SC
CZ
TO
PDF
OV
Z
AC
C
R/W
R/W
R/W
R
R
R/W
R/W
R/W
R/W
POR
x
x
0
0
x
x
x
x
“x”: unknown
Bit7
SC:Theresultofthe“XOR”operationwhichisperformedbytheOVflagandthe
MSBoftheinstructionoperationresult.
Bit6
CZ:Thetheoperationalresultofdifferentflagsfordifferentinstructions
ForSUB/SUBM/LSUB/LSUBMinstructions,theCZflagisequaltotheZflag.
ForSBC/SBCM/LSBC/LSBCMinstructions,theCZflagisthe“AND”operationresult
whichisperformedbythepreviousoperationCZflagandcurrentoperationzeroflag.
Forotherinstructions,theCZflagwillnotbeaffected.
Bit5
TO:WatchdogTime-Outflag
0:Afterpoweruporexecutingthe“CLRWDT”or“HALT”instruction
1:Awatchdogtime-outoccurred
Bit4
PDF:Powerdownflag
0:Afterpoweruporexecutingthe“CLRWDT”instruction
1:Byexecutingthe“HALT”instruction
Bit3
OV:Overflowflag
0:Nooverflow
1:Anoperationresultsinacarryintothehighest-orderbitbutnotacarryoutofthe
highest-orderbitorviceversa.
Bit2
Z:Zeroflag
0:Theresultofanarithmeticorlogicaloperationisnotzero
1:Theresultofanarithmeticorlogicaloperationiszero
Bit1
AC:Auxiliaryflag
0:Noauxiliarycarry
1:Anoperationresultsinacarryoutofthelownibblesinaddition,ornoborrow
fromthehighnibbleintothelownibbleinsubtraction
Bit0
C:Carryflag
0:Nocarry-out
1:Anoperationresultsinacarryduringanadditionoperationorifaborrowdoes
nottakeplaceduringasubtractionoperation
Cisalsoaffectedbyarotatethroughcarryinstruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com