Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 43Page - Cirrus Logic CS43199 Datasheet HTML 44Page - Cirrus Logic CS43199 Datasheet HTML 45Page - Cirrus Logic CS43199 Datasheet HTML 46Page - Cirrus Logic CS43199 Datasheet HTML 47Page - Cirrus Logic CS43199 Datasheet HTML 48Page - Cirrus Logic CS43199 Datasheet HTML 49Page - Cirrus Logic CS43199 Datasheet HTML 50Page - Cirrus Logic CS43199 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 111 page
background image
DS1113F1
47
CS4399
4.12 Control Port Operation
For write operations, the data bytes following the MAP byte are written to the CS4399 register addresses pointed to by the
last received MAP address, plus however many autoincrements have occurred. Fig. 4-29 shows a write pattern with
autoincrementing.
Figure 4-29. Control Port Timing, I2C Writes with Autoincrement (8-bit Data Access)
For read operations, the contents of the register pointed to by the last received MAP address (plus however many
autoincrements have occurred if INCR was previously set) are output in the next byte. Fig. 4-30 shows a read pattern
following the write pattern in Fig. 4-29. Notice how read addresses are based on the MAP bytes from Fig. 4-29.
Figure 4-30. Control Port Timing, I2C Reads with Autoincrement (8-Bit Data Access)
To generate a read address not based on the last received MAP address, an aborted write operation can be used as a
preamble (see Fig. 4-31). Here, a write operation is aborted (after the ACK for the control byte) by sending a Stop
condition.
Figure 4-31. Control Port Timing, I2C Reads with Preamble and Autoincrement (8-Bit Data Access)
SCL
CHIP ADDRESS
(WRITE)
MAP BYTE
High (23:16)
START
STOP
ACK
SDA
SDA
Source
Master
Master
Master
Pull-up
Slave
Slave
Pull-up
ACK
Slave
4
5
6 7 8
9
17 18
0
1
2
3
7 6 5 4 3 2 1 0
ACK
34
MAP BYTE
Mid (15:8)
MAP BYTE
Low (7:0)
36
ACK
ACK
CONTROL
BYTE
7 6 5 4 3 2 1 0
37 38
35
Empty
7
0
7
0
7
0
16
26 27
25
39 40 41 42 43 44
7
0
7
0
45
DATA
BYTE 1
DATA
BYTE N
Master
Master
Master
Master
M
Slave
Slave
Slave
Slave
MAP
ADDRESS
MAP
ADDRESS
+ (N–1)
ACK
ACK
Addr = 01100
SCL
CHIP ADDRESS
(READ)
START
SDA
SDA
Source
Master
Pull-up
Slave
Pull-up
ACK
4
5
6 7 8
9
17
0
1
2
3
7 6 5 4 3 2 1 0
ACK
NACK
7
0
7
0
16
DATA
BYTE 1
DATA
BYTE N
M
M
Slave
STOP
MAP
ADDRESS
MAP
ADDRESS
+ (N–1 )
Addr = 01100
SCL
CHIP ADDRESS
(WRITE)
MAP BYTE
High (23:16)
START
STOP
ACK
SDA
SDA
Source
Master
Master
Master
Pull-up
Slave
Slave
Pull-up
ACK
Addr = 01100
4
5
6 7 8
9
17 18
0
1
2
3
7 6 5 4 3 2 1 0
ACK
34
MAP BYTE
Mid (15:8)
MAP BYTE
Low (7:0)
36
ACK
ACK
CONTROL
BYTE
7 6 5 4 3 2 1 0
37 38
35
Empty
7
0
7
0
7
0
16
26 27
25
39 40 41 42 43 44
7
0
7
0
45
DATA
BYTE 1
DATA
BYTE N
Master
Master
Slave
Slave
Slave
M
Slave
START
7 6 5 4 3 2 1 0
ACK
ACK
M
NACK
STOP
Master
4
5
6 7 8
9
0
1
2
3
16 17
Slave
CHIP ADDRESS
(READ)
MAP
ADDRESS
MAP
ADDRESS
+ (N-1)
Addr = 01100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com