Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 20Page - Cirrus Logic CS43199 Datasheet HTML 21Page - Cirrus Logic CS43199 Datasheet HTML 22Page - Cirrus Logic CS43199 Datasheet HTML 23Page - Cirrus Logic CS43199 Datasheet HTML 24Page - Cirrus Logic CS43199 Datasheet HTML 25Page - Cirrus Logic CS43199 Datasheet HTML 26Page - Cirrus Logic CS43199 Datasheet HTML 27Page - Cirrus Logic CS43199 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 111 page
background image
24
DS1113F1
CS4399
4.3 Class H Output
DSD_COPY_CHAN. Refer to Section 7.4.1–Section 7.4.7 for control register details.
4.3 Class H Output
Fig. 4-2 shows the Class H operation.
Figure 4-2. Class H Operation
The CS4399 outputs use Cirrus Logic two-mode Class H technology. This prevents unnecessarily wasting energy during
low power passages of program material or when the program material is played back at a low volume level.
The internal charge pump is the central component of the two-mode Class H technology implemented in the CS4399. The
charge pump receives its input voltage from the voltage present on the VCP or VP pin. From this input voltage, the charge
pump creates the differential rail voltages supplied to the output stages.The charge pump can supply two sets of
differential rail voltages: ±VCP and ±VP_LDO.
HV_EN setting, as shown in Fig. 4-3, determines the VP_LDO voltage as shown in Table 4-1. HV_EN = 1 setting is
required to support the 1.7-V full-scale voltage. In this setting, minimum VP is required to be higher than 3.3 V. When HV_
EN = 0, the max output voltage is 1.4-V RMS full-scale voltage. In this setting, minimum VP is required to be higher than
3V.
Figure 4-3. Internal LDO Configuration
Table 4-2 shows the nominal signal and volume level ranges when the output is set to the adapt modes explained in
Section 4.3.1. If the signal level is greater than the maximum value of this range, then clipping can occur.
Table 4-1. VP_LDO Voltage Per HV_EN Setting
HV_EN
VP_LDO Voltage
02.6 V
13.0 V
Table 4-2. Class H Supply Modes
Mode
Class H Supply Level
Signal 1 or Volume Level Range 2,3,
1.In adapt-to-signal, the volume level ranges are approximations but are within –0.5 dB from the values shown.
0
±VP_LDO V, internally regulated from VP
 –11 dB
1
±VCP
< –11 dB
VCP
Class H Control
VCP_FILT–
–VCP
–VP_LDO V
VCP_FILT+
+VCP
+VP_LDO V
VP
ADPT_PWR p. 89
VP
VP_LDO
Internal
LDO
HV_EN p. 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com