Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 12Page - Cirrus Logic CS43199 Datasheet HTML 13Page - Cirrus Logic CS43199 Datasheet HTML 14Page - Cirrus Logic CS43199 Datasheet HTML 15Page - Cirrus Logic CS43199 Datasheet HTML 16Page - Cirrus Logic CS43199 Datasheet HTML 17Page - Cirrus Logic CS43199 Datasheet HTML 18Page - Cirrus Logic CS43199 Datasheet HTML 19Page - Cirrus Logic CS43199 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 111 page
background image
16
DS1113F1
CS4399
3 Characteristics and Specifications
Table 3-8. Digital Interface Specifications and Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS4399 connections; GNDD = GNDCP = GNDA = 0 V; voltages are with respect to ground;
parameters can vary with VL and VP; typical performance data taken with VP = 3.6 V, VCP = VA = 1.8 V, VD = 1.8V and VL = 1.8 V; min/max performance
data taken with VP = 3.6 V, VCP = VA = 1.8 V, VD = 1.8V and VL = 1.8 V; TA = +25°C; CL =60 pF.
Parameters 1
1.See Table 1-1 for serial and control-port power rails.
Symbol
Minimum Maximum Units
Input leakage current 2,3
2.Specification is per pin.
3.Includes current through internal pull-up or pull-down resistors on pin.
LRCK1, DSDB/LRCK2
SDIN1, SCLK1, DSDA/SDIN2, DSDCLK/SCLK2
HP_DETECT
SDA, SCL
INT, RESET
Iin
—
—
—
—
—
±4
±3
±100
±100
±100
µA
µA
nA
nA
nA
Internal weak pull-down
—
550
2450
k
Input capacitance
—
—
10
pF
INT current sink (VOL = 0.3 V maximum)
—825
—
µA
VL Logic (non-I2C)
High-level output voltage (IOH = –100 µA)
Low-level output voltage
High-level input voltage
Low-level input voltage
VOH
VOL
VIH
VIL
0.9•VL
—
0.7•VL
—
—
0.1•VL
—
0.3•VL
V
V
V
V
VL Logic (I2C only)
Hysteresis voltage (Fast Mode and Fast Mode Plus)
Low-level output voltage
High-level input voltage
Low-level input voltage
VHYS
VOL
VIH
VIL
0.05•VL
—
0.7•VL
—
—
0.2•VL
—
0.3•VL
V
V
V
V
HP_DETECT 4
4.The HP_DETECT input circuit allows the HP_DETECT signal to be as low of a voltage as VCP_FILT– and as high as VP. Section 4.4.1 provides
configuration details.
High-level input voltage
Low-level input voltage
VIH
VIL
0.93•VP
—
—
2.0
V
V
HP_DETECT current to VCP_FILT– 4
IHP_DETECT
1.00
2.91
µA
Table 3-9. CLKOUT Characteristics
Test conditions (unless specified otherwise): GNDD = GNDCP = GNDA = 0 V; voltages are with respect to ground; VP = 3.6 V, VCP = VA = 1.8 V, VL =
VD = 1.8 V; CL = 60 pF; PLL reference input must meet the phase-noise mask specified in Fig. 4-12; TA = +25°C; Output jitter is measured from 100 Hz
to half of the output frequency.
Parameters
Symbol
Minimum
Typical Maximum Units
CLKOUT output frequency
fCLKOUT
2.8224
5.6448
7.5264
11.2896
3
6
8
12
3.072
6.144
8.192
12.288
MHz
MHz
MHz
MHz
CLKOUT output duty cycle
—
40
50
60
%
CLKOUT output TIE jitter (RMS)
CLKOUT_SRC_SEL = 01
tJIT
—500
—
ps
Table 3-10. PLL Characteristics
Test conditions (unless specified otherwise): GNDD = GNDCP = GNDA = 0 V; voltages are with respect to ground; VP = 3.6 V, VCP = VA = 1.8 V, VL =
VD = 1.8 V; PLL reference input must meet the phase-noise mask specified in Fig. 4-12; TA = +25°C.
Parameters
Symbol
Minimum
Typical Maximum Units
PLL output frequency
fout
22.5792
24
24.576
MHz
PLL lock time
tLock
—
620
1000
µs
PLL reference clock input
—
—
—
—
—
—
—
—
—
—
—
11.2896
22.5792
12.2880
24.5760
9.6000
19.2000
12.0000
24.0000
13.0000
26.000
—
—
—
—
—
—
—
—
—
—
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
MHz
PLL reference clock input jitter
—
—
—
50
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com