Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 16Page - Cirrus Logic CS43199 Datasheet HTML 17Page - Cirrus Logic CS43199 Datasheet HTML 18Page - Cirrus Logic CS43199 Datasheet HTML 19Page - Cirrus Logic CS43199 Datasheet HTML 20Page - Cirrus Logic CS43199 Datasheet HTML 21Page - Cirrus Logic CS43199 Datasheet HTML 22Page - Cirrus Logic CS43199 Datasheet HTML 23Page - Cirrus Logic CS43199 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 111 page
background image
20
DS1113F1
CS4399
3 Characteristics and Specifications
Rise time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tRC
—
—
—
1000
300
120
ns
ns
ns
Fall time of SCL and SDA
Standard Mode
Fast Mode
Fast Mode Plus
tFC
—
—
—
300
300
120
ns
ns
ns
Setup time for stop condition
tSUSP
260
—
ns
SDA setup time to SCL rising
tSUD
50
—
ns
SDA input hold time from SCL falling 4
tHDDI
0—
ns
Output data valid (Data/Ack) 5
Standard Mode
Fast Mode
Fast Mode Plus
tVDDO
—
—
—
3450
900
450
ns
ns
ns
Bus free time between transmissions
tBUF
500
—
ns
SDA bus capacitance
SCL frequency = 1 MHz, VL = 1.8 V
SCL frequency ≤ 400 kHz
CB
—
—
400
400
pF
pF
SCL/SDA pull-up resistance 1
VL = 1.8 V
RP
350
—
Ω
Pulse width of spikes to be suppressed
tPS
—50
ns
Switching time between RCO and MCLK_INT 6
—
150
—
µs
Power-up delay (delay before I2C can communicate after RESET released)
tPUD
1500
—
µs
1.The minimum RP value (resistor shown in Fig. 2-1) is determined by using the maximum level of VL, the minimum sink current strength of its
respective output, and the maximum low-level output voltage VOL. The maximum RP value may be determined by how fast its associated signal must
transition (e.g., the lower the value of RP, the faster the I2C bus is able to operate for a given bus load capacitance). See I²C bus specification
referenced in Section 13.
2.All timing is relative to thresholds specified in Table 3-8, VIL and VIH for input signals, and VOL and VOH for output signals.
3.I²C control-port timing
4.Data must be held long enough to bridge the transition time, tF, of SCL.
5.Time from falling edge of SCL until data output is valid.
6.Upon setting MCLK_SRC_SEL and sending the I2C stop condition, the switching of RCO and other MCLK_INT sources occurs. A least wait
time as specified is required after changing MCLK_SRC_SEL and sending the I2C stop condition before the next I2C transaction is initiated.
Table 3-17. I2C Slave Port Characteristics (Cont.)
Test conditions (unless specified otherwise): Fig. 2-1 shows typical connections; Inputs: GNDA = GNDL = GNDCP = 0 V; all voltages with respect to
ground; VL = 1.8 V; inputs: Logic 0 = GNDA = 0 V, Logic 1 = VL; TA = +25°C; SDA load capacitance equal to maximum value of CB = 400 pF; minimum
SDA pull-up resistance, RP(min).1 Table 3-1 describes some parameters in detail. All specifications are valid for the signals at the pins of the CS4399 with
the specified load capacitance.
Parameter 2
Symbol 3
Minimum
Maximum
Units
tBUF
tLOW
Stop
tHDDI
tSUD
tSUST
tRC
tHDST
tHIGH
tHDST
tFC
tSUSP
Start
Repeated
Start
Stop
SDA
SCL
tVDDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com