Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 28Page - Cirrus Logic CS43199 Datasheet HTML 29Page - Cirrus Logic CS43199 Datasheet HTML 30Page - Cirrus Logic CS43199 Datasheet HTML 31Page - Cirrus Logic CS43199 Datasheet HTML 32Page - Cirrus Logic CS43199 Datasheet HTML 33Page - Cirrus Logic CS43199 Datasheet HTML 34Page - Cirrus Logic CS43199 Datasheet HTML 35Page - Cirrus Logic CS43199 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 111 page
background image
32
DS1113F1
CS4399
4.6 Clock Output and Fractional-N PLL
The CLKOUT output is enabled by clearing PDN_CLKOUT.
Figure 4-14. CLKOUT Source Selection
Once enabled, CLKOUT is generated either from the internal crystal oscillator output (when used) or from the integrated
fractional-N PLL; it can be selected by CLKOUT_SEL. CLKOUT_DIV can be used to set /2, /3, /4, or /8 to divide the
selected clock source to targeted frequency.
4.6.1
Fractional-N PLL
The CS4399 has an integrated fractional-N PLL to support the clocking requirements of various applications. This PLL can
be enabled or disabled by clearing or setting PDN_PLL bit. The input reference clock for the PLL is signal on XTI/MCLK
pin (crystal-generated or external-feed).
4.6.2
Fractional-N PLL Internal Interface
Fig. 4-15 shows how PLL operation can be configured.
Figure 4-15. Fractional-N PLL
Use Eq. 4-1 to calculate the PLL output frequency.
Equation 4-1. PLL Output Frequency Equation
PLL_REF source must be in range below:
PLL_REF Source
PLL_REF_PREDIV Input
Minimum
Maximum
MCLK/XIN pin
9.6 MHz
26 MHz
XTI/MCLK
PLL_OUT
CLKOUT
÷
CLKOUT_DIV
CLKOUT_SEL p. 77
PLL
XTI/MCLK
PLL_OUT
PLL_DIV_INT p. 76
PLL_DIV_FRAC_0 p. 76
PLL_DIV_FRAC_1 p. 76
PLL_DIV_FRAC_2 p. 76
PLL_MODE p. 77
PLL_REF_
PREDIV
p. 77
PDN_PLL p. 75
PLL_START p. 75
PLL_OUT_
DIV p. 76
PLL_OUT =
PLL_REF
PLL_REF_PREDIV
×
1
PLL_OUT_DIV
PLL_DIV_INT + PLL_DIV_FRAC
or 1, selected by PLL_Mode
×
500
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com