Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 13Page - Cirrus Logic CS43199 Datasheet HTML 14Page - Cirrus Logic CS43199 Datasheet HTML 15Page - Cirrus Logic CS43199 Datasheet HTML 16Page - Cirrus Logic CS43199 Datasheet HTML 17Page - Cirrus Logic CS43199 Datasheet HTML 18Page - Cirrus Logic CS43199 Datasheet HTML 19Page - Cirrus Logic CS43199 Datasheet HTML 20Page - Cirrus Logic CS43199 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 111 page
background image
DS1113F1
17
CS4399
3 Characteristics and Specifications
Table 3-11. Crystal Characteristics
Test conditions (unless specified otherwise): GNDD = GNDCP = GNDA = 0 V; voltages are with respect to ground; VP = 3.6 V, VCP = VA = 1.8 V, VL =
VD = 1.8 V; TA = +25°C
Parameters 1
1.Refer to Section 5.3 for supported crystal options.
Symbol
Minimum
Typical
Maximum
Units
Crystal oscillator frequency
fXTAL
22.57
22.5792/ 24.576
24.58
MHz
Crystal load capacitance
CL_XTAL
5—
8
pF
Equivalent series resistance
esrXTAL
——
100
Startup time
tXTAL_pup
——
8
ms
Shunt capacitance
CO
——
0.8
pF
Maximum drive level
—
200
—
—
µW
Table 3-12. Power-Supply Rejection Ratio (PSRR) Characteristics
Test conditions (unless specified otherwise): Fig. 2-1 shows CS4399 connections; input test signal held low (all zero data); GNDA = GNDL = GNDCP =
0 V; voltages are with respect to ground; VL = VA = VD = 1.8 V, VP = 3.6 V; When testing PSRR, PCM input test signal held low (all zero data); TA =
+25°C; PCM_AMUTE = 0.
Parameter 1
1.PSRR test configuration: Typical PSRR can vary by approximately 6 dB below
the indicated values.
Minimum Typical
Maximum
Units
AOUTx
PSRR with 100-mVpp signal AC coupled to VA supply
217 Hz
1 kHz
20 kHz
—
—
—
75
75
70
—
—
—
dB
dB
dB
AOUTx
PSRR with 100-mVpp signal AC coupled to VCP supply
217 Hz
1 kHz
20 kHz
—
—
—
80
80
60
—
—
—
dB
dB
dB
AOUTx
PSRR with 100-mVpp signal AC coupled to VP supply
217 Hz
1 kHz
20 kHz
—
—
—
100
100
80
—
—
—
dB
dB
dB
Table 3-13. DC Characteristics
Test conditions (unless otherwise specified): Fig. 2-1 shows CS4399 connections; GNDD = GNDA = 0 V; all voltages with respect to ground.
Parameters
Minimum
Typical
Maximum Units
VCP_FILT (No load connected to AOUTx)
EXT_VCPFILT = 0
VP_LDO Mode
VCP_FILT+ pin (HV_EN = 1)
VCP_FILT+ pin (HV_EN = 0)
VCP_FILT– pin (HV_EN = 1)
VCP_FILT– pin (HV_EN = 0)
—
—
—
—
3.0
2.6
–3.0
–2.6
—
—
—
—
V
V
V
V
VCP Mode
VCP_FILT+ pin
VCP_FILT– pin
—
—
VCP
–VCP
—
—
V
V
–VA
–VA pin
—
– VA
—
V
Other DC filter characteristics
FILT+ voltage
—
–0.35
—
V
FILT– voltage
—
0.35
—
V
Analog output current limiter on threshold.
—
120
160
mA
VD power-on
reset threshold
(VPOR)
Up
Down
—
—
1.15
0.950
—
—
V
V
Operational Amplifier
OUT
GND
Power DAC
OUT
GND
PWR
DUT
+5 V
+5 V
+
+–
–
+
–
OUT
Analog Generator
Analog Analyzer
Analog Test Equipment
Analog Output PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com