Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 27Page - Cirrus Logic CS43199 Datasheet HTML 28Page - Cirrus Logic CS43199 Datasheet HTML 29Page - Cirrus Logic CS43199 Datasheet HTML 30Page - Cirrus Logic CS43199 Datasheet HTML 31Page - Cirrus Logic CS43199 Datasheet HTML 32Page - Cirrus Logic CS43199 Datasheet HTML 33Page - Cirrus Logic CS43199 Datasheet HTML 34Page - Cirrus Logic CS43199 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 111 page
background image
DS1113F1
31
CS4399
4.6 Clock Output and Fractional-N PLL
Further restrictions are listed in Table 4-3.
Figure 4-13. MCLK Source Switching
A source to MCLK_INT, either the XTAL (or external MCLK), the PLL, or the RCO, must be provided as long as the
CS4399 is operating; otherwise, the CS4399 enters a nonresponsive state, and I2C SDA signal can be held low. The only
way to recover from this nonresponsive state is either through a reset or a POR event. Switching MCLK sources during
DAC operation causes audible artifacts, but does not put the device in an unrecoverable state. In an MCLK
source-switching event, the intended clock source must be present and ready before switching occurs.
After POR or reset event, RCO is selected as default source of MCLK_INT.
4.5.1.1 Internal RC Oscillator
As described in Section 4.5.1, the CS4399 includes an internal RC oscillator that can be used as a clock source for
peripheral circuit such as control port or charge pump.
4.6 Clock Output and Fractional-N PLL
The CS4399 clock output can be used as a master clock for other data-conversion or signal-processing components,
which requires synchronous timing to the CS4399.
Table 4-3. MCLK Source Restrictions
Internal
MCLK
Source
MCLK_SRC_SEL MCLK_INT
Restrictions
Direct MCLK
or XTAL
00
0
• Nominal MCLK_INT frequency = 24.576 MHz
• All specified CLKOUT frequencies (generated by PLL or XTAL) are supported
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
1
• Nominal MCLK_INT frequency = 22.5792 MHz
• All specified CLKOUT frequencies (generated by PLL or XTAL) are supported
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
PLL
01
0
• Nominal MCLK_INT frequency = 24.576 MHz
• PDN_PLL = 0 and PLL properly configured to generate 24.576 MHz given reference input
frequency on XTI/MCLK pin
• Only MCLK_INT on CLKOUT is supported on CLKOUT pin
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
1
• Nominal MCLK_INT frequency = 22.5792MHz
• PDN_PLL = 0 and PLL properly configured to generate 22.5792 MHz given reference input
frequency on XTI/MCLK pin
• Only MCLK_INT on CLKOUT is supported on CLKOUT pin
• CLKOUT outputs (/2, /3, /4, /8 divide) optionally
Internal
PLL
XTI/MCLK
Internal MCLK
CLKOUT
÷
CLKOUT_SEL p. 77
PDN_PLL p. 75
CLKOUT_DIV p. 77
MCLK_INT p. 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com