Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43199 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS43199
Description  130-dB, 32-Bit High-Performance DAC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43199 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS43199 Datasheet HTML 48Page - Cirrus Logic CS43199 Datasheet HTML 49Page - Cirrus Logic CS43199 Datasheet HTML 50Page - Cirrus Logic CS43199 Datasheet HTML 51Page - Cirrus Logic CS43199 Datasheet HTML 52Page - Cirrus Logic CS43199 Datasheet HTML 53Page - Cirrus Logic CS43199 Datasheet HTML 54Page - Cirrus Logic CS43199 Datasheet HTML 55Page - Cirrus Logic CS43199 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 111 page
background image
52
DS1113F1
CS4399
5.9 Audio Output Power-Up Sequence
5.8.2
DSD Power-Up Initialization
5.9 Audio Output Power-Up Sequence
An example of the power-up sequence for PCM and DSD are shown in Ex. 5-5 and Ex. 5-6, respectively. Follow the stated
sequence every time to power up the audio output.
5.9.1
PCM Power-Up Sequence
Example 5-4. DSD Power-Up Initialization
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 DSD Power-Up Initialization
0x10010
0x99
0x10025
0x01
0x1002E
0x00
0xC0006
0x01
0xC0002
0x12
0xC0009
0x00
0xC0003
0x1E
0xC0005
0x20
Example 5-5. PCM Power-Up Sequence
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1 Run PCM power-up initialization sequence in Ex. 5-3.
2 Power up ASP
Power Down Control. 0x20000
data (0x20000)
AND (0xBF)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
0
x
x
x
x
x
x
Power up ASP
3 Pop-free startup
0x1002C
0x0A
4 Power on amplifier
Power Down Control. 0x20000
data (0x20000)
AND (0xEF)
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
Reserved
x
x
x
0
x
x
x
x
Power up DAC output
5 Wait for 10 ms
6 Restore defaults
0xC0006
0x0C
0xC0002
0x10
0xC0009
0x20
7 Audio output will be active. Wait for 1000 ms.
8 Restore defaults
0x1002C
0x00
0x10010
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com