Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M2021 Datasheet HTML 1Page - Integrated Circuit Systems M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
M2020/21 Datasheet Rev 1.0
3 of 10
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
DIVIDER SELECTION TABLES
Mfin Divider Look-Up Table (LUT)
The FIN_SEL1:0 pins select the Mfin divider value, which
establishes the PLL clock multiplication ratio. Since the
VCSO frequency is fixed, this allows input reference
selection.
M and R Divider Look-Up Table (LUT)
The MR_SEL1:0 pins select the M and R divider values,
which establish phase detector frequency. A lower
phase detector frequency improves jitter tolerance and
lowers loop bandwidth.
P Divider Look-Up Table (LUT)
The P_SEL2:0 pins select the P divider values, which set
the output clock frequencies. A P divider of value of 1
will provide a 622.08MHz output when using a 622.08MHz
VCSO, for example. P divider values of 4, 8, or 32 are
also available, plus a TriState mode. The outputs can be
placed into the valid state combinations as listed in
Table 5. (The outputs cannot each be placed into any of
the five available states independently.)
General Guidelines for M and R Divider Selection
• A lower phase detector frequency should be used for
loop timing applications to assure PLL tracking,
especially during GR-253 jitter tolerance testing. The
recommended maximum phase detector frequency
for loop timing mode is 19.44MHz.
• When LOL is to be used for system health monitoring,
the phase detector frequency should be 5MHz or
greater. Low phase detector frequencies make LOL
overly sensitive, and higher phase detector
frequencies make LOL less sensitive. The LOL pin
should not be used during loop timing mode.
Mfin Divider
LUT
Phase
Locked
Loop
(PLL)
M2020/21
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
MR_SEL1:0
FIN_SEL1:0
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
P_SEL2:0
R
IN
DIF_REF1
nDIF_REF1
LOL
R Div
(1, 4,
16, 64)
P Divider
LUT
P Divider
(for FOUT0: 1, 4, 8, or 32),
(for FOUT1: 1, 4, or 8)
M and R Divider
LUT
NBW
M Div
(1, 4, 16, 64)
Mfin Divider
(1, 4, 8, 32 or
1, 4, 8, 16)
FOUT0
nFOUT0
TriState
FOUT1
nFOUT1
2
2
3
Hitless Switching (HS) Opt.
HS with Phase Build-out Opt.
FIN_SEL1:0
Mfin Value
Input Ref. Freq. (MHz) 1
M2020-yz-622.0800 or M2021-yz-622.0800
Note 1: Example with M2020-yz-622.0800 or M2021-yz-622.0800
00
(M2020) (M2021)
32 or 16
19.44 or 38.88
0
1
8
77.76
1
0
4
155.52
1
1
1
622.08
Table 3: Mfin Divider Look-Up Table (LUT)
MR_SEL1:0
M
R
Description
0
0 1
Note 1: Do not use with FIN_SEL1:0=11; Maximum Phase Detector
Frequency=175MHz
11
Four sets of divider values to enable
adjustment of bandwidth and jitter
tolerance
0
1
4
4
1
0
16
16
1
1
64
64
Table 4: M and R Divider Look-Up Table (LUT)
P_SEL2:0
P Value
M2020-yz-622.0800 or M2021-yz-622.0800
Output Frequency (MHz)
FOUT0
FOUT1
for
FOUT0
for
FOUT1
0 0 0
32
1
19.44 622.08
0 0 1
32
4
19.44 155.52
0 1 0
1
1
622.08 622.08
0 1 1
4
1
155.52 622.08
1 0 0
8
8
77.76 77.76
1 0 1
4
4
155.52 155.52
1 1 0
8
4
77.76 155.52
1 1 1 TriState TriState
N/A N/A
Table 5: P Divider Look-Up Table (LUT)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com