Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems M2021 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M2020/21 Datasheet Rev 1.0
7 of 10
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
Refer to the M2020/21 product web page at
www.icst.com/products/summary/m2020-2021.htm
for additional product information.
Example Values for Loop Filter External Components 1
for M2020-yz-622.0800 and M2021-yz-622.0800
VCSO Parameters: KVCO = 800kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Purpose
Device Configuration
Example External Component Values
Nominal Performance With These Values
FRef
(MHz)
F
VCSO
(MHz)
FIN_SEL
1:0
MRSEL
1:0
R loop
C loop
R post C post PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
Frequency
Translation,
General
Usage
155.52
622.08 1 0
0 1
11.5
k
Ω
2.2
µF
32.4
k
Ω
470
p
1k
Hz
6.0
0.05
77.76
622.08 0 1
0 1
23.2
k
Ω
1.0
µF
32.4
k
Ω
470
p
1k
Hz
6.5
0.06
38.88 2
622.08 0 0 2 0 0
11.5
k
Ω
2.2
µF
32.4
k
Ω
470
p
1k
Hz
6.7
0.05
19.44 3
622.08 0 0 3 0 0
23.2
k
Ω
1.0
µF
32.4
k
Ω
470
p
1k
Hz
6.5
0.06
Jitter
Attenuation,
Narrow
Bandwidth
622.08
622.08 1 1
1 0
5.6
k
Ω
10
µF
68
k
Ω
470
p
500
Hz
6.3
0.05
77.76
622.08 0 1
0 1
8.2
k
Ω
10
µF
100
k
Ω
470
p
360
Hz
6.5
0.05
38.88 2
622.08 0 0 2 0 1
12.0
k
Ω
10
µF
100
k
Ω
470
p
260
Hz
6.7
0.05
19.44 3
622.08 0 0 3 0 0
8.2
k
Ω
10
µF
100
k
Ω
470
p
360
Hz
6.5
0.05
Table 7: Example Values for Loop Filter External Components
Note 1: K
VCO , VCSO Bandwidth, M Divider Value, and External Loop Filter Component Values determine Loop Bandwidth, Damping Factor,
and Passband Peaking. For PLL Simulator software, go to www.icst.com.
Note 2: M2021 only.
Note 3: M2020 only.
ABSOLUTE MAXIMUM RATINGS1
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-45 to +100
oC
Table 8: Absolute Maximum Ratings
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
T
A
Ambient Operating Temperature
Commercial
0
+70
oC
Industrial
-40
+85
oC
Table 9: Recommended Conditions of Operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com