Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M2021 Datasheet HTML 1Page - Integrated Circuit Systems M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
M2020/21 Datasheet Rev 1.0
Revised 30Jul2004
Integr a t ed Cir cui t S ystems , Inc . ● N e tw or kin g & C o mm un icat ion s ● www. icst.com ● te l (5 08 ) 85 2-5 4 0 0
M2020/21
VCSO BASED CLOCK PLL
Integrated
Circuit
Systems, Inc.
Product Data Sheet
GENERAL DESCRIPTION
The M2020/21 is a VCSO (Voltage Controlled SAW
Oscillator) based clock jitter
attenuator PLL designed for clock
jitter attenuation and frequency
translation. The device is ideal for
generating the transmit reference
clock for optical network systems
supporting 2.5-10 GB data rates.
It can serve to jitter attenuate a
stratum reference clock or a recovered clock in loop
timing mode. The M2020/21 module includes a
proprietary SAW (surface acoustic wave) delay line as
part of the VCSO. This results in a high frequency,
high-Q, low phase noise oscillator that assures low
intrinsic output jitter.
FEATURES
◆ Integrated SAW (surface acoustic wave) delay line;
low phase jitter of < 0.5ps rms, typical (12kHz to 20MHz
or 50kHz to 80MHz)
◆ Output frequencies of 15 to 700 MHz *
◆ LVPECL clock output (CML and LVDS options available)
◆ Reference clock inputs support differential LVDS,
LVPECL, as well as single-ended LVCMOS, LVTTL
◆ Loss of Lock (LOL) output pin
◆ Narrow Bandwidth control input (NBW pin)
◆ Hitless Switching (HS) options with or without Phase
Build-out (PBO) available for SONET (GR-253) /
SDH (G.813) MTIE and TDEV compliance during
reference clock reselection
◆ Industrial temperature grade available
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 9 mm SMT)
Figure 1: Pin Assignment
* Specify VCSO center frequency at time of order.
SIMPLIFIED BLOCK DIAGRAM
Figure 2: Simplified Block Diagram
Example I/O Clock Frequency Combinations
Using M2020-11-622.0800 or M2021-11-622.0800
Input Reference
Clock
(MHz)
PLL Ratio
(Pin Selectable)
Output Clock
(MHz)
(M2020)
(M2021)
19.44 or 38.88
(M2020) (M2021)
32 or 16
622.08
77.76
8
155.52
4
622.08
1
Table 1: Example I/O Clock Frequency Combinations
M 2020
M 2021
( T op View )
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
P_SEL0
P_SEL1
nFOUT0
FOUT0
GND
nFOUT1
FOUT1
VCC
GND
FIN_SEL0
MR_SEL0
MR_SEL1
LOL
NBW
VCC
DNC
DNC
DNC
M2020/21
Phase
Detector
FOUT0
nFOUT0
MR_SEL1:0
FIN_SEL1:0
R Div
(1, 4,
16, 64)
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
Mfin Divider
LUT
Mfin Div
(1, 4, 8, 32) or
( 1, 4, 8, 16)
P_SEL2:0
DIF_REF1
nDIF_REF1
LOL
VCSO
Loop
Filter
TriState
FOUT1
nFOUT1
P Divider
LUT
M Divider
(1, 4, 16, 64)
NBW
2
3
P Divider
FOUT0: 1, 4, 8, 32 or TriState
FOUT1: 1, 4, 8 or TriState
2
M / R Divider
LUT
M2020/21 VCSO Based Clock PLL


Similar Part No. - M2021

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2021 ETC1-M2021 Datasheet
495Kb / 10P
SUBMINATURE/MULTI-FUNCTION/UNBRACKETED
M2021 ETC2-M2021 Datasheet
1Mb / 12P
Miniature Toggles
logo
Nihon Kaiheiki Industry...
M2021E2A1 NKK-M2021E2A1 Datasheet
1Mb / 28P
General Specifications
M2021E2A2 NKK-M2021E2A2 Datasheet
1Mb / 28P
General Specifications
M2021E2D1 NKK-M2021E2D1 Datasheet
1Mb / 28P
General Specifications
More results

Similar Description - M2021

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
Rev 2.2
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
M1040 ICST-M1040 Datasheet
436Kb / 12P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 0.1
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
Rev 1.0
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
M1033 ICST-M1033 Datasheet
198Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
VCSO BASED GBE CLOCK GENERATOR
Rev 3.2
M1025 ICST-M1025 Datasheet
340Kb / 14P
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Rev 1.0
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
VCSO BASED FEC CLOCK PLL
Rev 1.0
logo
CRYSTEK CORPORATION
CVS575S-500 CRYSTEKMICROWAVE-CVS575S-500_17 Datasheet
518Kb / 3P
SineWave SAW Based VCSO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com