Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems M2021 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
M2020/21 Datasheet Rev 1.0
10 of 10
Revised 30Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
M2020/21
VCSO BASED CLOCK PLL
Pr oduct Da ta Shee t
DEVICE PACKAGE - 9 x 9mm CERAMIC LEADLESS CHIP CARRIER
Mechanical Dimensions:
Figure 8: Device Package - 9 x 9mm Ceramic Leadless Chip Carrier
ORDERING INFORMATION
Part Numbering Scheme
Figure 9: Part Numbering Scheme
Standard VCSO Output Frequencies (MHz)*
Consult ICS for the availability of other VCSO frequencies.
Refer to the M2020/21 product web page at
www.icst.com/products/summary/m2020-2021.htm
for recommended PCB footprint, solder mask,
furnace profile, and related information.
Part Number:
M202x- yz - xxx.xxxx
VCSO Frequency (MHz)
“ - ” = 0 to +70 oC (commercial)
See Table 12, right. Consult ICS for other frequencies.
I = - 40 to +85 oC (industrial)
Temperature
Frequency Input Divider Option
Output type
1 = LVPECL
Hitless Switching / Phase Build-out Options
1 = none
2 = Hitless Switching
(For CML or LVDS clock output, consult factory)
3 = Hitless Switching with Phase Build-out
0 = Mfin Divider selections of: 32, 8, 4, or 1
1 = Mfin Divider selections of: 16, 8, 4, or 1
622.0800
669.3120
625.0000
669.3266
627.3296
670.8386
644.5313
672.1600
666.5143
690.5692
669.1281
669.3120
Table 12: Standard VCSO Output Frequencies
Note *: Fout can equal Fvcso divided by: 1, 4, 8, or 32
Example Part Numbers
VCSO Frequency (MHz) Temperature
Order Part Number
622.08
commercial
M2020-11 - 622.0800
or M2021- 11- 622.0800
industrial
M2020-11I622.0800
or M2021- 11I622.0800
625.00
commercial
M2020-11 - 625.0000
or M2021-11- 625.0000
industrial
M2020-11I625.0000
or M2021- 11I625.0000
Table 13: Example Part Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com