Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  M2021 Datasheet HTML 1Page - Integrated Circuit Systems M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M2020/21 Datasheet Rev 1.0
5 of 10
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
In normal phase-locked condition, the instantaneous
phase error is measured by the phase detector and is
converted to charge pump current pulses. These
current pulses are then integrated by the external loop
filter to create a VCSO control voltage. The loop filter
acts as a low pass filter to remove unwanted reference
clock jitter above a determined frequency or PLL
bandwidth. For reference phase jitter frequencies within
the loop bandwidth, phase jitter amplitude is passed on
to the output clock according to the PLL loop frequency
response curve.
The relationship between the nominal VCSO center
frequency (Fvcso), the M divider, and the input
reference frequency (Fin) is:
The M, R, and Mfin dividers can be set by pin configura-
tion using the input pins MR_SEL1, MR_SEL0, FIN_SEL1, and
FIN_SEL0
.
Post-PLL Divider
The M2020/21 also features a post-PLL (P) divider.
Through use of the P divider, the device’s output
frequency (Fout) can be that of the VCSO (such as
622.08MHz
) or the VCSO frequency divided by 4, 8 or 32
(common optical reference clocks in SONET and SDH
systems).
The P_SEL2:0 pins select the value for the P divider. (See
Table 5 on pg. 3.)
Accounting for the P divider, the complete relationship
between the input clock reference frequency (Fin) and
output clock frequency (Fout) is defined as:
Due to the narrow tuning range of the VCSO (+120ppm
guaranteed), appropriate selection of all of the following
are required for the PLL be able to lock: VCSO center
frequency, input frequency, and divider selections.
TriState
The TriState feature puts the LVPECL output driver into
a high impedance state, effectively disconnecting the
driver from the FOUT and nFOUT pins of the device. A
logic 0 is then present on the clock net. The impedance
of the clock net is then set to 50
Ω by the external circuit
resistors. (This is in distinction to a CMOS output in
TriState, in which case the net goes to a high
impedance and the logic value floats.) The 50
Ω
impedance level of the LVPECL TriState allows
manufacturing In-circuit Test to drive the clock net with
an external 50
Ω generator to validate the integrity of
clock net and the clock load.
Any unused output (single-ended or differential) should
be left unconnected (floating) in system application.
This minimizes output switching current and therefore
minimizes noise modulation of the VCSO.
Narrow Bandwidth (NBW) Control Pin
A Narrow Loop Bandwidth control pin (NBW pin) is
included to enable adjustment of the PLL loop
bandwidth. In wide bandwidth mode (NBW=0), the
internal resistor Rin is 100k
Ω. With the NBW pin
asserted (NBW=1), the internal resistor Rin is changed to
2100k
Ω. This lowers the loop bandwidth by a factor of
about 21 (2100 / 100) and lowers the damping factor by
about 4.6 (the square root of 21), assuming the same
external loop filter component values.
Loss of Lock Indicator (LOL) Output Pin
Under normal device operation, when the PLL is locked,
the LOL Phase Detector drives LOL to logic 0. Under
circumstances when the VCSO cannot fully phase lock
to the input (as measured by a greater than 4 ns
discrepancy between the feedback and reference clock
rising edges at the LOL Phase Detector) the LOL output
goes to logic 1. The LOL pin will return back to logic 0
when the phase detector error is less than 2 ns. The
loss of lock indicator is a low current LVCMOS output.
Guidelines for Using LOL
In a given application, the magnitude of peak-to-peak
jitter at the phase detector will usually increase as the R
divider is increased. If the LOL pin will be used to detect
an unusual clock condition, or a clock fault, the
MR_SEL1:0
pins should be set to provide a phase detector
frequency of 5MHz or greater (the phase detector
frequency is equal to Fin divided by the R divider).
Otherwise, false LOL indications may result. A phase
detector frequency of 10MHz or greater is desirable
when reference jitter is over 500ps, or when the device is
used within a noisy system environment. LOL should not
be used when the device is used in a loop timing
application.
Example Frequency and Divider Combinations
Using M2021-yz-622.0800
Fvcso =
Fin
x
Mfin x M/R
622.08
38.88
16 x (1/1, 4/4, etc.)
77.76
8 x (1/1, 4/4, etc.)
155.52
4 x (1/1, 4/4, etc.)
622.08
1 x (1/1, 4/4, etc.)
Table 6: Example I/O Clock Frequency Combinations
Fvcso
Fin
Mfin
×
M
R
----
×
=
Fout
Fvcso
P
-------------------
=
Fin
MMfin
×
RP
×
--------------------------
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com