Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems M2021 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
M2020/21 Datasheet Rev 1.0
8 of 10
Revised 30Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
ELECTRICAL SPECIFICATIONS
DC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = FOUT = 622-675MHz,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max Unit Conditions
Power Supply V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
I
CC
Power Supply Current
175
225
mA
All
Differential
Inputs
V
P
-P
Peak to Peak Input Voltage
DIF_REF0, nDIF_REF0,
DIF_REF1, nDIF_REF1
0.15
V
V
CMR
Common Mode Input
0.5
Vcc - .85 V
C
IN
Input Capacitance
4
pF
Differential
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
DIF_REF0, DIF_REF1
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
Ω
Differential
Inputs
Biased to
VCC/2
I
IH
Input High Current (Biased)
nDIF_REF0, nDIF_REF1
150
µA
V
IN =
0 to 3.456V
I
IL
Input Low Current (Biased)
-150
µA
Rbias
Biased to Vcc/2
See Figure 4
k
Ω
All LVCMOS
/ LVTTL
Inputs
V
IH
Input High Voltage
REF_SEL, FIN_SEL1, FIN_SEL0,
MR_SEL1, MR_SEL0, P_SEL2,
P_SEL1, P_SEL0, NBW
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
C
IN
Input Capacitance
4
pF
LVCMOS /
LVTTL
Inputs with
Pull-down
I
IH
Input High Current (Pull-down)
REF_SEL, FIN_SEL1, FIN_SEL0,
MR_SEL1, MR_SEL0, P_SEL2,
P_SEL1, P_SEL0
150
µA
V
CC = VIN =
3.456V
I
IL
Input Low Current (Pull-down)
-5
µA
Rpulldown Internal Pull-down Resistance
50
k
Ω
LVCMOS /
LVTTL
Inputs with
Pull-UP
I
IH
Input High Current (Pull-UP)
NBW
5
µA
V
CC = 3.456V
V
IN = 0 V
I
IL
Input Low Current (Pull-UP)
-150
µA
Rpullup
Internal Pull-UP Resistance
50
k
Ω
Differential
Outputs
V
OH
Output High Voltage
FOUT0, nFOUT0,
FOUT1, nFOUT1
Vcc - 1.4
Vcc - 1.0 V
V
OL
Output Low Voltage
Vcc - 2.0
Vcc - 1.7 V
V
P
-P
Peak to Peak Output Voltage 1
Note 1: Single-ended measurement. See Figure 6, Output Rise and Fall Time, on pg. 9.
0.4
0.85
V
LVCMOS
Output
V
OH
Output High Voltage
LOL
2.4
V
CC
V
I
OH= 1mA
V
OL
Output Low Voltage
GND
0.4
V
I
OL= 1mA
Table 10: DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com