Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M2021 Datasheet HTML 1Page - Integrated Circuit Systems M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
M2020/21 Datasheet Rev 1.0
4 of 10
Revised 30Jul2004
I n te g r at ed Ci rcui t Systems , In c. ● N e tw o r ki ng & Co mmun ica t io ns ● ww w. icst.co m ● tel (5 08 ) 85 2-5 4 0 0
Integrated
Circuit
Systems, Inc.
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
FUNCTIONAL DESCRIPTION
The M2020/21 is a PLL (Phase Locked Loop) based
clock generator that generates output clocks synchro-
nized to one of two selectable input reference clocks.
An internal high "Q" SAW delay line provides low jitter
signal performance and establishes the output
frequency of the VCSO (Voltage Controlled SAW
Oscillator). In a given M2020/21 device, the VCSO
center frequency is fixed. A common center frequency
is 622.08MHz, for SONET for SDH optical network
applications. The VCSO center frequency is specified at
time of order (see “Ordering Information” on pg. 10).
The VCSO has a guaranteed tuning range of
±120 ppm
(commercial temperature grade).
Pin selectable dividers are used within the PLL and
for the output clock. This enables tailoring of device
functionality and performance. The Mfin divider controls
the overall PLL multiplication ratio and thus determines
the input reference clock (see Table 3, on pg. 3). The
M and R dividers control the phase detector frequency
(see Table 4). The P divider scales the VCSO output
enabling lower output frequency selections (Table 5).
The M2020/21 includes a Loss of Lock (LOL) indicator,
which provides status information to system
management software. A Narrow Bandwidth (NBW)
control pin is provided as an additional mechanism for
adjusting PLL loop bandwidth without affecting the
phase detector frequency.
Options are available for Hitless Switching (HS) with or
without Phase Build-out (PBO). They provide
SONET/SDH MTIE and TDEV compliance during a
reference clock reselection.
Allowance for a single-ended input has been facilitated
by a unique input resistor bias scheme, which is
described next and shown in Figure 4.
Input Reference Clocks
Two clock reference inputs and a selection mux are
provided. Either reference clock input can accept a
differential clock signal (such as LVPECL or LVDS) or
a single-ended clock input (LVCMOS or LVTTL on the
non-inverting input).
A single-ended reference clock on the unselected
reference input can cause an increase in output
clock jitter. For this reason, differential reference
inputs are preferred; interference from a differential
input on the non-selected input is minimal.
Configuration of a single-ended input has been
facilitated by biasing nDIF_REF0 and nDEF_REF1 to Vcc/2,
with 50k
Ω to Vcc and 50kΩ to ground. The input clock
structure, and how it is used with either
LVCMOS/LVTTL inputs or a DC- coupled LVPECL
clock, is shown in Figure 4.
Figure 4: Input Reference Clocks
Differential Inputs
Differential LVPECL inputs are connected to both
reference input pins in the usual manner. The external
load termination resistors shown in Figure 4 (the 127
Ω
and 82
Ω resistors) is ideally suited for both AC and DC
coupled LVPECL reference clock lines. These provide
the 50
Ω load termination and the VTT bias voltage.
Single-ended Inputs
Single-ended inputs (LVCMOS or LVTTL) are
connected to the non-inverting reference input pin
(DIF_REF0 or DIF_REF1). The inverting reference input pin
(nDIF_REF0 or nDIF_REF1) must be left unconnected.
In single-ended operation, when the unused inverting
input pin (nDIF_REF0 or nDEF_REF1) is left floating (not
connected), the input will self-bias at VCC/2.
PLL Operation
The M2020/21 is a complete clock PLL. It uses a phase
detector and configurable dividers to synchronize the
output of the VCSO with the selected reference clock.
The PLL will work correctly, meaning it will phase-lock
the VCSO output to the input reference clock, when the
internal phase detector inputs are able to run at the
same frequency. This means the PLL dividers must be
set appropriately and a suitable reference frequency
must be chosen for the intended output frequency.
When the PLL is not set up appropriately, the VCSO is
forced to its upper or lower operating limit which is
typically about 250 ppm above or below the VCSO
center frequency (no more than 500 ppm above or
below).
MUX
0
REF_SEL
1
VCC
50k
50k
VCC
50k
50k
LVCMOS/
LVTTL
LVPECL
50k
50k
VCC
82
127
VCC
82
127
M2020/21
X
DIF_REF0
nDIF_REF0
DIF_REF1
nDIF_REF1
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com