Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2021 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M2021
Description  VCSO BASED CLOCK PLL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2021 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M2021 Datasheet HTML 2Page - Integrated Circuit Systems M2021 Datasheet HTML 3Page - Integrated Circuit Systems M2021 Datasheet HTML 4Page - Integrated Circuit Systems M2021 Datasheet HTML 5Page - Integrated Circuit Systems M2021 Datasheet HTML 6Page - Integrated Circuit Systems M2021 Datasheet HTML 7Page - Integrated Circuit Systems M2021 Datasheet HTML 8Page - Integrated Circuit Systems M2021 Datasheet HTML 9Page - Integrated Circuit Systems M2021 Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
M2020/21 Datasheet Rev 1.0
9 of 10
Revised 30Jul2004
Integr ated Circuit Systems , Inc. ● Netw o r ki ng & C o mmun ica t io ns ● ww w. icst.com ● tel (5 08) 85 2-54 00
M2020/21
VCSO BASED CLOCK PLL
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS (CONTINUED)
PARAMETER MEASUREMENT INFORMATION
Output Rise and Fall Time
Figure 6: Output Rise and Fall Time
Output Duty Cycle
Figure 7: Output Duty Cycle
AC Characteristics
Unless stated otherwise, V
CC = 3.3V +5%,TA = 0
oC to +70 oC (commercial), T
A = -40
oC to +85 oC (industrial), F
VCSO = FOUT = 622-675MHz,
LVPECL outputs terminated with 50
Ω to V
CC - 2V
Symbol Parameter
Min
Typ
Max
Unit Conditions
F
IN
Input Frequency
DIF_REF0, nDIF_REF0,
DIF_REF1, nDIF_REF1
10
700
MHz
F
OUT
Output Frequency
FOUT0, nFOUT0, FOUT1, nFOUT1
15
700
MHz
APR
VCSO Absolute
Pull-Range
Commercial
±120
±200
ppm
Industrial
±50
±150
ppm
PLL Loop
Constants 1
Note 1: Parameters needed for PLL Simulator software; see Table 7, Example Values for Loop Filter External Components, on pg. 7.
K
VCO
VCO Gain
800
kHz/V
R
IN
Internal Loop Resistor
Wide Bandwidth
100
k
Ω
Narrow Bandwidth
2100
k
Ω
BW
VCSO
VCSO Bandwidth
700
kHz
Phase Noise
and Jitter
Φn
Single Side Band
Phase Noise
@622.08MHz
1
kHz Offset
-73
dBc/Hz Fin=19.44 or
38.88 MHz
Mfin=32 or 16,
M=1, R=1
10
kHz Offset
-103
dBc/Hz
100
kHz Offset
-126
dBc/Hz
J(t)
Jitter (rms)
@622.08MHz
12
kHz to 20MHz
0.25
0.5
ps
50
kHz to 80MHz
0.25
0.5
ps
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 9.
P = 4, 8, or 32
45
50
55
%
P = 1
40
50
60
%
t
R
Output Rise Time 2 for
FOUT0, nFOUT0, FOUT1, nFOUT1
200
450
500
ps
20
% to 80%
t
F
Output Fall Time 2 for
FOUT0, nFOUT0, FOUT1, nFOUT1
200
450
500
ps
20
% to 80%
Table 11: AC Characteristics
20%
80%
tR
20%
tF
80%
Clock Output
V
P
-P
nFOUT
FOUT
t
PW
t
PERIOD
(Output Pulse Width)
tPERIOD
tPW
odc =



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com