Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 3 Page - Motorola, Inc

  PC33981PNA/R2 Datasheet HTML 1Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 2Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 3Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
3
TERMINAL DEFINITIONS
Functional descriptions of some of these terminals can be found in the System/Application Information section beginning on
page 19.
Terminal
Terminal
Name
Formal Name
Definition
1
CSNS
Output Current Monitoring
This terminal is used to output a current proportional to the high-side OUT current and
is used externally to generate a ground-referenced voltage for the microcontroller
(MCU) to monitor OUT current.
2
TEMP
Temperature Feedback
This terminal reports an analog value proportional to the temperature of the GND flag
(terminal 13). It is used by the MCU to monitor board temperature.
3
EN
Enable
(Active High)
This is an input used to place the device in a low current sleep mode. This terminal has
an passive internal pulldown.
4
INHS
Serial Input High Side
The input terminal is used to directly control the OUT. This input has an active internal
pulldown current source and requires CMOS logic levels.
5
FS
Fault Status
(Active Low)
This is an open drain-configured output requiring an external pull-up resistor to
VDD (5.0 V) for fault reporting. When a device fault condition is detected, this terminal
is active LOW.
6
INLS
Serial Input Low Side
The input terminal is used to directly control an external low-side N-channel MOSFET
and has an active internal pulldown current source and requires CMOS logic levels. It
can be controlled independently of the INHS depending of CONF terminal.
7
CONF
Configuration Input
This input terminal is used to manage the cross-conduction between the internal high-
side N-channel MOSFET and the external low-side N-channel MOSFET. The terminal
has an active internal pullup current source. When CONF is at 0 V, the two MOSFETs
are controlled independently. When CONF is at 5.0 V, the two MOSFETs cannot be on
at the same time.
8
OCLS
Low-Side Overload
This terminal sets the VDS protection level of the external low-side MOSFET. This
terminal has an active internal pullup current source. It must be connected to an
external resistor.
9
DLS
Drain Low Side
This terminal is the drain of the external low-side N-channel MOSFET. Its monitoring
allows for protection features.
10
GLS
Low-Side Gate
This terminal is an output used to drive the gate of the external low-side N-channel
MOSFET.
11
SR
Slew Rate Control
A capacitor connected between this terminal and the ground is used to control the
output slew rate.
CSNS
INHS
FS
INLS
CONF
OCLS
EN
TEMP
DLS
GLS
SR
CBOOT
1
11
10
9
8
7
6
5
4
3
2
OUT
OUT
16
15
VPWR
Transparent Top View of Package
14
GND
13
12
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com