Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 9 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 10Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 11Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 12Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
9
Table 1. Functional Truth Table in Normal Mode
Condition
CONF INHS
INLS
OUT
GLS
FS
EN
Comments
Sleep
x
x
x
x
x
H
L
Device is in Sleep mode. The OUT and
low-side gate are OFF.
Normal
L
H
H
H
H
H
H
Normal mode. High side and low side are
controlled independently. The high side
and the low side are both on.
Normal
L
L
L
L
L
H
H
Normal mode. High side and low side are
controlled independently. The high side
and the low side are both off.
Normal
H
L
H
L
H
H
H
Normal mode. No cross-conduction. Half-
bridge configuration. The high side is off
and the low side is on.
Normal
H
H
L
H
L
H
H
Normal mode. No cross-conduction. Half-
bridge configuration. The high side is on
and the low side is off.
Normal
H
PWM
H
PWM
PWM
OR H
(Logical
OR)
H
H
Normal mode. Cross-conduction
management is activated. Half-bridge
configuration.
H = High level
L = Low level
x = Don’t care
PWM = Pulse-width modulation
Table 2. Functional Truth Table in Fault Mode
Conditions
CONF INHS
INLS
OUT
GLS
FS
EN
TEMP CSNS OCLS
Comments
Overtemperature
on OUT
x
x
x
L
x
L
H
L
x
x
The 33981 is currently in fault mode. The
OUT is OFF. TEMP at 0 V indicates this
fault. Once the fault is removed 33981
recovers its normal mode.
Overtemperature
on CBOOT or GLS
x
x
x
L
L
L
H
L
x
x
The 33981 is currently in fault mode. The
OUT is OFF and GLS is at 0 V. TEMP at
0 V indicates this fault. Once the fault is
removed 33981 recovers its normal mode.
Overcurrent
on OUT
x
H
x
L
x
L
H
x
L
x
The 33981 is currently in fault mode. The
OUT is OFF. It is reset by a logic [0] at
INHS for at least 200
µs. When INHS goes
to 0 V, CSNS goes to 5.0 V.
Overload
on External Low-
Side MOSFET
L
x
H
x
L
L
H
x
x
L
The 33981 is currently in fault mode. GLS
is at 0 V and OCLS internal current source
is off. The external resistance connected
between OCLS and GND terminal will pull
OCLS terminal to 0 V. The fault is reset by
a logic [0] at INLS for at least 200
µs.
H = High level
L = Low level
x = Don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com