Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 3Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 10Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
7
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 4.5 V
≤ VDD ≤ 5.5V, 6.0V ≤ VPWR ≤ 27 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT (continued)
Overtemperature Shutdown
TSD
160
175
190
°C
Overtemperature Shutdown Hysteresis (Note 9)
TSD(HYS)
5.0
–
20
°C
Low-Side Gate
VPWR = 6.0 V
VPWR = 9.0 V
VPWR = 13 V
VPWR = 27 V
VGSLS
–
–
–
–
6.0
9.0
12
12
–
–
–
–
V
Low-Side Gate Current
C = 4.7 nF
IGSLS
–100
–
mA
Low-Side Overload Detection Level versus Low-Side Drain Voltage
VOCLS - VDLS
VDS_LS
––
50
mV
Temperature Feedback
TJ = 25°C
TFeed
TBD
4.75
TBD
V
Temperature Feedback Derating
DTFeed
–-12
–
mV/°C
CONTROL INTERFACE
Input Logic High Voltage (Note 10)
VIH
0.7
–
–
VDD
Input Logic Low Voltage (Note 10)
VIL
–
–
0.2
VDD
Input Logic Voltage Hysteresis (Note 10)
VIN(HYS)
100
350
750
mV
Input Logic Active Pulldown Current (INHS, INLS)
IDWN
5.0
–
20
µA
Input Logic Pulldown Resistor (EN)
RDWN
100
200
400
k
Ω
Input Active Pullup Current (OCLS)
IOCLSp
–100
–
µA
Input Active Pullup Current (CONF)
ICONF
–10
–
µA
FS
Tri-State Capacitance (Note 9)
CSO
–
–
20
pF
FS
Low-State Output Voltage
VSOL
–0.2
0.4
V
Notes
9.
Parameter is guaranteed by process monitoring but is not production tested.
10.
Upper and lower logic threshold voltage range applies to EN, CONF, INHS, and INLS input signals.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com