Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 14 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 10Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 11Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 12Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 13Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 14Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 15Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 16Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 17Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
14
Figure 7. Overcurrent on Output
Figure 8. Normal Mode. Cross-Conduction Management
EN
INHS
OUT
FS
Overcurrent on High Side
200 µs Min
CSNS
IOUT
Overcurrent on High Side
IOCH
Fault Removed
Overcurrent on High Side
Overcurrent on High Side
0V
0V
0V
5.0 V
0V
5.0 V
EN
INHS
INLS
OUT
GLS
FS
15 µs After
CONF
5.0 V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com