Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 22 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button PC33981PNA/R2 Datasheet HTML 16Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 17Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 18Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 19Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 20Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 21Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 22Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 23Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 24Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
22
PACKAGE DIMENSIONS
M
M
2.2 2.20
0.05
C
0.1
C
0.05
C SEATING PLANE
4
2.0 1.95
0.00
12
1
(10X 0.4)
M
0.1
C
M
0.05
C
A B
C A B
0.1
4.6
5.0
C
0.1
A B
9X
0.9
2X
1.075
6X
2.05
1.55
1.85
3.55
(2)
6X
0.8
0.4
2X
1.28
0.88
6 PLACES
0.15
0.05
(10X 0.5)
(0.5)
10.7
10.3
C
0.1
A B
11.2
10.8
(2X 0.75)
4X
1.45
1.05
C
0.1
A B
5.5
5.1
C
0.1
A B
2.25
1.75
(10X 0.25)
2.5
2.1
6X
1.1
0.6
2X
0.95
0.55
M
0.1
C
M
0.05
C
A B
10X
0.6
0.2
13
14
15
16
PIN 1
INDEX AREA
12
B
C
0.1
2X
2X
C
0.1
A
12
1
12
16
15
PIN NUMBER
REF. ONLY
DETAIL G
CASE 1402-02
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
3. THE COMPLETE JEDEC DESIGNATOR FOR THIS
5. MINIMUM METAL GAP SHOULD BE 0.25MM.
PACKAGE IS: HF-PQFP-N.
4. COPLANARITY APPLIES TO LEADS AND CORNER
LEADS.
DETAIL G
VIEW ROTATED 90˚ CLOCKWISE
VIEW M-M
PNA SUFFIX
16-TERMINAL PQFN
NONLEADED PACKAGE
CASE 1402-02
ISSUE B
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com