Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 1 Page - Motorola, Inc

  PC33981PNA/R2 Datasheet HTML 1Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 2Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 3Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
GND
OCLS
SR
CSNS
TEMP
INHS
EN
INLS
CONF
VPWR
GLS
DLS
OUT
CBOOT
M
FS
VPWR
VDD
VDD
MCU
I/O
I/O
I/O
I/O
A/D
A/D
33981
Simplified Application Diagram
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains information on a product under development.
Motorola reserves the right to change or discontinue this product without notice.
© Motorola, Inc. 2004
Document order number: MC33981
Rev 2.0, 10/2004
33981
Preliminary Information
High-Frequency, High-Current,
Self-Protected High-Side Switch
(4.0 m
Ω up to 60 kHz)
The 33981 is a high-frequency, self-protected 4.0 m
Ω RDS(ON) high-side
switch used to replace electromechanical relays, fuses, and discrete devices
in power management applications.
The 33981 can be controlled by pulse-width modulation (PWM) with a
frequency up to 60 kHz. It is designed for harsh environments, and it includes
self-recovery features. The 33981 is suitable for loads with high inrush current,
as well as motors and all types of resistive and inductive loads.
The 33981 is packaged in a 12 x 12 nonleaded power-enhanced Power
QFN package with exposed tabs.
Features
• Single 4.0 m
Ω RDS(ON) Maximum High-Side Switch
• PWM Capability up to 60 kHz with Duty Cycle from 5% to 100%
• Very Low Standby Current
• Slew Rate Control with External Capacitor
• Overcurrent and Overtemperature Protection, Undervoltage Shutdown
and Fault Reporting
• Reverse Battery Protection
• Gate Drive Signal for External Low-Side N-Channel MOSFET with
Protection Features
• Output Current Monitoring
• Temperature Feedback
HIGH-SIDE SWITCH
4.0 m
Ω
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
PC33981PNA/R2
-40
°C to 125°C
16 PQFN
33981 Simplified Application Diagram
SCALE 1:1
Bottom View
PNA SUFFIX
CASE 1402-02
16-TERMINAL PQFN (12 X 12)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - PC33981PNA/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
PC33989DW MOTOROLA-PC33989DW Datasheet
676Kb / 32P
System Basis Chip with High Speed CAN Transceiver
More results

Similar Description - PC33981PNA/R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
MC33984 MOTOROLA-MC33984 Datasheet
492Kb / 28P
Dual Intelligent High-Current Self-Protected Silicon High-Side Switch (4.0 m??
logo
Freescale Semiconductor...
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
MC33981 FREESCALE-MC33981 Datasheet
1Mb / 37P
Single High Side Switch (4.0 m廓), PWM clock up to 60 kHz
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33984B FREESCALE-33984B_09 Datasheet
1Mb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 m廓)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
logo
International Rectifier
AUIR3330S IRF-AUIR3330S_15 Datasheet
1Mb / 30P
PROTECTED HIGH FREQUENCY HIGH SIDE SWITCH
logo
NXP Semiconductors
MC33981 NXP-MC33981 Datasheet
3Mb / 51P
Single High Side Switch (4.0 mOhm), PWM clock up to 60 kHz
Rev. 12.0, 7/2023
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com