Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 4 Page - Motorola, Inc

  PC33981PNA/R2 Datasheet HTML 1Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 2Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 3Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
33981
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
14
VPWR
Positive Power Supply
This terminal connects to the positive power supply and is the source input of
operational power for the device. The VPWR terminal is a backside surface mount tab
of the package.
15, 16
OUT
Output
Protected high-side power output to the load. Output terminals must be connected in
parallel for operation.
TERMINAL DEFINITIONS (continued)
Functional descriptions of some of these terminals can be found in the System/Application Information section beginning on
page 19.
Terminal
Terminal
Name
Formal Name
Definition
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com