Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC33981PNA/R2 Datasheet(PDF) 5 Page - Motorola, Inc

Part # PC33981PNA/R2
Description  High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 m??up to 60 kHz)
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33981PNA/R2 Datasheet(HTML) 5 Page - Motorola, Inc

  PC33981PNA/R2 Datasheet HTML 1Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 2Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 3Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 4Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 5Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 6Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 7Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 8Page - Motorola, Inc PC33981PNA/R2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33981
5
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Steady-State
VPWR
-16 to 41
V
Input/Output Terminals Voltage (Note 1)
VIN
-0.3 to 7.0
V
Output Voltage
VOUT
-5.0 to 41
V
Continuous Output Current (Note 2)
IOUT
40
A
CSNS Input Clamp Current
ICSNS
10
mA
SR Voltage
VSR
-0.3 to 54
V
Temperature Feedback Voltage
VTEMP
-0.3 to 5.0
V
CBOOT Voltage
CBOOT
-0.3 to 54
V
OCLS Voltage
VOCLS
-0.3 to 7.0
V
Low-Side Gate Voltage
VGLS
-0.3 to 15
V
Low-Side Drain Voltage
VDLS
-5.0 to 41
V
ESD Voltage
Human Body Model (Note 3)
Machine Model (Note 4)
VESD1
VESD2
±2000
±200
V
Output Clamp Energy (Note 5)
ECL
TBD
J
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TSTG
-55 to 150
°C
Thermal Resistance (Note 6)
Junction to Power Die Case
Junction to Ambient
RθJC
RθJA
1.0
20
°C/W
Peak Terminal Reflow Temperature During Solder Mounting (Note 7)
TSOLDER
240
°C
Power Dissipation (TA = 25°C) (Note 8)
PD
TBD
W
Notes
1.
Exceeding voltage limits on INHS, INLS, CONF, CSNS, FS, TEMP, and EN terminals may cause a malfunction or permanent damage to the
device.
2.
Continuous high-side output rating as long as maximum junction temperature is not exceeded. Calculation of maximum output current using
package thermal resistance is required.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
4.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω) and in accordance with the system module
specification with a capacitor > 0.01
µF connected from OUT to GND.
5.
Active clamp energy using single-pulse method (L = 16 mH, RL = 0, VPWR = 12 V, TJ = 150°C).
6.
Device mounted on a 2s2p test board per JEDEC JESD51-2.
7.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Maximum power dissipation at indicated ambient temperature in free air with no heatsink used.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com