Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 49 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 49 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 45Page - Texas Instruments TNETX15AE Datasheet HTML 46Page - Texas Instruments TNETX15AE Datasheet HTML 47Page - Texas Instruments TNETX15AE Datasheet HTML 48Page - Texas Instruments TNETX15AE Datasheet HTML 49Page - Texas Instruments TNETX15AE Datasheet HTML 50Page - Texas Instruments TNETX15AE Datasheet HTML 51Page - Texas Instruments TNETX15AE Datasheet HTML 52Page - Texas Instruments TNETX15AE Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
49
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
internal registers
The internal registers are used to initialize and/or software-reset the TNETX15AE, select the TNETX15AE
startup and routing options, check the number of nodes within the TNETX15AE and statistics, enable
management-based operations on the lookup table, and interface with the on-chip or external SRAM, the
EEPROM, and any MII-managed devices.
The internal registers are described in the detailed
internal register section of this document.
The following sections provide additional information on the use of internal registers to access the SRAM, MII
devices, and EEPROM.
lookup-table SRAM access
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
RAMsize
0x00
RAMaddr
0x20
RAMdata
0x24
The TNETX15AE SRAM can be accessed with the RAMaddr and RAMdata registers. The algorithm for reading
and writing to the RAM is similar to that for reading and writing to the internal registers; the address of the location
to access is placed in the RAMaddr register and the data is read from or written to the RAMdata register.
This interface also has an auto-increment function, which is selected from the INC bit in the RAMaddr register.
The auto-incrementer increments by one when the most-significant byte of the RAMdata register is read or
written to.
The DIO state machine must request access to SRAM via the SRAM bus scheduler. A write to SRAM is queued
when the most-significant byte of the RAMdata register is written. A read of SRAM is queued when either byte
of the RAMdata register is read through the DIO port.
serial interface – MII-managed devices
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
SIO
0x08
The TNETX15AE gives the programmer an easy way to implement a software-controlled bit-serial interface.
This interface is most appropriate in implementing an MII management serial interface.
MII devices, which implement the management interface, consisting of MDIO and MDCLK, are accessed in this
way though the SIO register. In addition (for PHYs that support this) the TNETX15AE implements a
MII-management signal, MRESET, to hardware-reset MII PHYs.
MDIO requires an external pullup for operation. The I/O direction is controlled by the MTXEN bit, and the
external terminal state is set from or read in MDATA. The complete serial interface (MDIO, MDCLK, MRESET)
can be placed in a high-Z state through the MDIOEN bit in SIO.
The TNETX15AE does not implement any timing or data structure on its serial interface. Appropriate timing and
frame format must be assured by the management software by setting or clearing bits at the right time and in
the right order. Refer to the IEEE Std 802.3u specification and the data sheet for the MII-managed device for
the nature and timing of the MII waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com