Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 67 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 67 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 63Page - Texas Instruments TNETX15AE Datasheet HTML 64Page - Texas Instruments TNETX15AE Datasheet HTML 65Page - Texas Instruments TNETX15AE Datasheet HTML 66Page - Texas Instruments TNETX15AE Datasheet HTML 67Page - Texas Instruments TNETX15AE Datasheet HTML 68Page - Texas Instruments TNETX15AE Datasheet HTML 69Page - Texas Instruments TNETX15AE Datasheet HTML 70Page - Texas Instruments TNETX15AE Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
67
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Note 5 and Figure 20)
EAM routing code
NO.
PARAMETER
MIN
MAX
UNIT
1
td(EAM)1
Delay time, from EAM15–EAM0 valid to EAM15–EAM0 invalid
100
ns
2
td(EAM)2
Delay time, from OSCIN
↑ to EAM15–EAM0 valid
17
ns
NOTE 5: The TNETX3150/TNETX3150A/TNETX3100 latches the EAM data (at certain edges) on frames that write the first 64 bytes of frame
data to the DRAM. The edges where EAM is valid are shown in Figure 20. At other times, the value in EAM is not valid and is ignored
by the TNETX3150/TNETX3150A/TNETX3100. The TNETX15AE outputs the EAM data on the rising edge of OSCIN before the
TNETX3150/TNETX3150A/TNETX3100 latches the data and holds the data until the end of the transfer burst. This ensures adequate
setup and hold times for TNETX3150/TNETX3150A/TNETX3100s EAM input. The particular frame, where the EAM code is valid, is
identified by the start-of-frame (SOF) indicator in the frames flag fields and by the DWE strobe being low. The EAM code is not valid
on DRAM reads [DWE = (1)] on refresh cycles or on IOB buffer writes and reads.
21
OSCIN
(Input)
DWE
(Input)
DRAS
(Input)
DCAS
(Input)
Row
Col
Col
Col
Col
Col
FPTR
Data
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
DA7–DA0
DX2–DX0
DD31–DD0
(Input)
DD35–DD32
(Input)
EAM15–
EAM0
(Output)
Forward Pointer Access
High Nibble of
Start Flag (SOF)
440 ns
1
EOF
1
2
3
4
5
6 7
8
9 10 11 12 13 14
16
15
18
17
20
19
23
25
24
27
26
29
28
31
30
33
32
35
34
37
36
TNETX3150/TNETX3150A/TNETX3100
Latches the EAM Code Here
EAM Code Valid
12
34
5
6
78
9
10
11
12
13
16
15
17
14
2
Figure 20. EAM Bus Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com