Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 73 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 73 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 69Page - Texas Instruments TNETX15AE Datasheet HTML 70Page - Texas Instruments TNETX15AE Datasheet HTML 71Page - Texas Instruments TNETX15AE Datasheet HTML 72Page - Texas Instruments TNETX15AE Datasheet HTML 73Page - Texas Instruments TNETX15AE Datasheet HTML 74Page - Texas Instruments TNETX15AE Datasheet HTML 75Page - Texas Instruments TNETX15AE Datasheet HTML 76Page - Texas Instruments TNETX15AE Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
73
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics over recommended operating conditions (see Note 8 and Figure 26)
EEPROM and MDIO (MII) interfaces
When the host is driving the EEPROM interface through the SIO register (0x0A), the output terminals are copies
of register bits synchronized by OSCIN rising, and the input register bits are copies of the device terminals
synchronized by OSCIN rising. This adds a maximum of 20 ns of delay in each direction, which is negligible in
terms of the maximum signal change rate allowed for the EEPROMs (approximately 100 kHz), or the MDIO (MII
management). The timing for these interfaces is set at the rate that register bits are set in software. For detailed
descriptions of the EEPROM requirements, refer to the data sheet for the part in question. For detailed
descriptions of the MII management interface, refer to IEEE Std 802.3.
When the TNETX15VE is driving the EEPROM during the automatic register load cycle, the timing on the
EEPROM is as shown in Figure 26.
EEPROM interface timing (TNETX15AE to EEPROM transfer) (see Note 8)
NO.
PARAMETER†
MIN
MAX
UNIT
fclock
Clock frequency, ECLK
98
kHz
1
tw(ECLKL)1
Pulse duration, ECLK low during start/stop
10.24
µs
2
tw(ECLKH)1
Pulse duration, ECLK high during start/stop
10.2
µs
3
tw(ECLKH)2
Pulse duration, ECLK high during data
5.1
µs
4
tw(ECLKL)2
Pulse duration, ECLK low during data
5.12
µs
5
td(EDIO)1
Delay time, from ECLK
↑ to EDIO↓, start condition
5.1
µs
6
td(ECLK)1
Delay time, from EDIO
↓ to ECLK↓, start condition
5.1
µs
7
td(EDIO)2
Delay time, from ECLK
↓ to EDIO↑, data condition
0
µs
8
td(ECLK)2
Delay time, from EDIO
↑ to ECLK↑, data condition
5.1
µs
9
td(EDIO)3
Delay time, from OSCIN to EDIO
18
ns
10
td(ECLK)3
Delay time, from OSCIN to ECLK
18
ns
† These parameters are specified by design, but not tested.
NOTE 8: The timing for the EEPROM interface occurs with the ETEST bit set to 0.
ECLK
(Output)
EDIO
(Output)
Valid
2
1
4
3
56
7
8
Figure 26. EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com