Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 13 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 13 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 9Page - Texas Instruments TNETX15AE Datasheet HTML 10Page - Texas Instruments TNETX15AE Datasheet HTML 11Page - Texas Instruments TNETX15AE Datasheet HTML 12Page - Texas Instruments TNETX15AE Datasheet HTML 13Page - Texas Instruments TNETX15AE Datasheet HTML 14Page - Texas Instruments TNETX15AE Datasheet HTML 15Page - Texas Instruments TNETX15AE Datasheet HTML 16Page - Texas Instruments TNETX15AE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
internal register map
The DIO addresses for the internal registers are shown in Table 2.
Table 2. DIO Internal Register Address Map
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Agingtimer (see Note 1)
RAMsize (see Note 1)
Revision
0x00
Unkmultiports (see Note 1)
Unkuniports (see Note 1)
0x04
SIO
Control (see Note 1)
0x08
Findnode23–Findnode16
Findnode31–Findnode24
Findnode39–Findnode32
Findnode47–Findnode40
0x0C
Findport
Findnode7–Findnode0
Findnode15–Findnode8
0x10
SECVIOctr
Findcontrol
Findnodeage
0x14
Unkmultictr
Unkunictr
0x18
Numnodes
0x1C
MANtest
RAMaddr
0x20
RAMdata
0x24
Intmask
Int
0x28
Adddelcontrol
0x2C
Newnode23–Newnode16
Newnode31–Newnode24
Newnode39–Newnode32
Newnode47–Newnode40
0x30
Newport
Newnode7–Newnode0
Newnode15–Newnode8
0x34
Addnode23–Addnode16
Addnode31–Addnode24
Addnode39–Addnode32
Addnode47–Addnode40
0x38
Addport
Addnode7–Addnode0
Addnode15–Addnode8
0x3C
Agednode23–Agednode16
Agednode31–Agednode24
Agednode39–Agednode32
Agednode47–Agednode40
0x40
Agedport
Agednode7–Agednode0
Agednode15–Agednode8
0x44
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
Manufacturer test (see Note 1)
0x50
Manufacturer test (see Note 1)
0x54
Manufacturer test (see Note 1)
0x58
Manufacturer test (see Note 1)
0x5C
Manufacturer test (see Note 1)
0x60
Manufacturer test (see Note 1)
0x64
Manufacturer test (see Note 1)
0x68
Uplinkport
Manufacturer test (see Note 1)
0x6C
NOTE 1: These registers are automatically loaded from the attached EEPROM when the LOAD bit in the control register is set, or when the
TNETX15AE is hardware reset by deasserting the RESET terminal and an external EEPROM is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com