Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 59 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 59 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 55Page - Texas Instruments TNETX15AE Datasheet HTML 56Page - Texas Instruments TNETX15AE Datasheet HTML 57Page - Texas Instruments TNETX15AE Datasheet HTML 58Page - Texas Instruments TNETX15AE Datasheet HTML 59Page - Texas Instruments TNETX15AE Datasheet HTML 60Page - Texas Instruments TNETX15AE Datasheet HTML 61Page - Texas Instruments TNETX15AE Datasheet HTML 62Page - Texas Instruments TNETX15AE Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
59
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
aging (AGE logic operation) (continued)
D The operation AGE scans the table for the oldest address (state = find oldest state). AGE determines the
oldest address by finding the address in the lookup table with the lowest time stamp. If more than one
address has the same oldest time stamp, AGE picks the first address. The AGE scanning process omits
all multicast addresses. This process also omits unicast addresses that have been secured by setting the
SECURE flag. These addresses can be deleted only by a DIO-delete command.
D Once the oldest address is found, AGE keeps this address, enters a waiting state (state = wait for condition),
until one of two conditions occurs:
1.
If the address table is changed by either the ADD logic operation performing an address
addition/time-stamp update or by deleting (DEL) an address, AGE checks the address that ADD or DEL
is working on. If ADD has changed the time stamp for the current oldest address, it must scan the whole
table for a new oldest address (state = find oldest). If DEL has deleted the current oldest address, it again
must rescan the whole table for a new oldest address (state = find oldest). If neither ADD nor DEL touched
the current oldest address, it still remains the oldest address and AGE returns to the wait state
(state = wait for condition).
2.
The aging condition is met. In this case, AGE calls on the DEL logic operation to delete the node from the
table. After a successful deletion, AGE rescans the whole table for the next node to age (state = find oldest)
and then gives an interrupt to the host to indicate the previous oldest address was deleted from the table.
D During the find-oldest process, and if AGE is in a time-threshold age, AGE deletes all addresses that are
over the threshold value and reports them via the interrupt.
The aging condition is different for time-threshold aging and table-full aging, and both are described in
the following paragraphs.
time-threshold aging
In time-threshold aging, the aging condition occurs when the address age is larger than the time threshold
entered in the agingtimer (0x2) registers. The address age is not the time stamp written in the SRAM but the
difference between current time and each time stamp. When this value becomes greater than agingtimer value,
the address is deleted.
Example:
Time threshold value
= 192d seconds (0x00C0)
Current timer value
= 256d seconds (0x0100)
Address time-stamp value = 80d seconds (0x0050)
Address aging time
= 256d – 80d = 176d seconds (0x00B0)
Conclusion: The address is not aged yet since the address aging time (176d seconds) is less than the time
threshold value (192d seconds) by 16d seconds. It takes an additional 16d seconds (0x0010) for
the address aging time to equal the time threshold (192d seconds) (0x00C0) and age (delete)
the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com