Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 35 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 35 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 31Page - Texas Instruments TNETX15AE Datasheet HTML 32Page - Texas Instruments TNETX15AE Datasheet HTML 33Page - Texas Instruments TNETX15AE Datasheet HTML 34Page - Texas Instruments TNETX15AE Datasheet HTML 35Page - Texas Instruments TNETX15AE Datasheet HTML 36Page - Texas Instruments TNETX15AE Datasheet HTML 37Page - Texas Instruments TNETX15AE Datasheet HTML 38Page - Texas Instruments TNETX15AE Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
EAM codings and in-order broadcasts (IOB) (continued)
The TNETX15AE uses single-port codings when possible, to maximize performance. The TNETX15AE
inspects all multiple-port codings. If, after removing all ineligible receivers (e.g., source port) only one
destination port is left, the TNETX15AE switches to a single-port coding on the EAM bus.
For a more complete description of IOB lists, refer to the latest TNETX3150/TNETX3150A/TNETX3100
specification.
TNETX15AE DRAM and EAM interface
The TNETX15AE takes its frame input through the TNETX3150/TNETX3150A DRAM bus. It must recognize
a start-of-frame (SOF) indication on the first flag byte of the frame. After the SOF is found, the TNETX15AE
latches the first 32 bits of the destination address on the next DRAM cycle. At this point, it must complete a
lookup cycle, choose the appropriate EAM code, and output this code in 440 ns, or less. Figure 3 shows the
lookup timing. Check the data set for the TNETX3150/TNETX3150A/TNETX3100 for field definitions beyond
those used by the TNETX15AE. The data on each cycle has the following format.
OSCIN
DOE
DWE
DRAS
DCAS
Row
Col
Col
Col
Col
Col
FPTR
Data
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Col
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
Data
0PPP
01UU CCCC
00UU
1BBB
1SSS
CCCC
00UU
CCCC
CCCC
CCCC
CCCC
CCCC
00UU
00UU
00UU
00UU
DA7–DA0,
DX2–DX0
DD31–
DD0
DD35–
DD32
EAM15–
EAM0
Forward Pointer Field
(Request Port Code)
High Nibble
of Start Flag
(SOF)
Most-Significant 32 Bits
of DA Latched
(Decode May Begin)
End-of-Buffer
(EOB)
External Address Match (EAM)
Code Valid
End-of-Flag
(EOF)
440 ns
0 ns
250 ns
500 ns
750 ns
Cycle
11
12
13
14
15
16
12
3
4
56
7
8
9
10
0
Low
Least-Significant 16 Bits
of DA Latched
Figure 3. Lookup Cycle Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com