Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 51 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 51 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 47Page - Texas Instruments TNETX15AE Datasheet HTML 48Page - Texas Instruments TNETX15AE Datasheet HTML 49Page - Texas Instruments TNETX15AE Datasheet HTML 50Page - Texas Instruments TNETX15AE Datasheet HTML 51Page - Texas Instruments TNETX15AE Datasheet HTML 52Page - Texas Instruments TNETX15AE Datasheet HTML 53Page - Texas Instruments TNETX15AE Datasheet HTML 54Page - Texas Instruments TNETX15AE Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
51
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
software reset
The TNETX15AE is software reset by setting the RESET bit to a 1 in the control register (0x00,0x09 DIO). The
TNETX15AE remains in the reset state until this bit is cleared. All internal registers are initialized to default
values during a software reset, except for the control register, which keeps its current value. Reading the internal
registers is allowed during a software reset, but the user cannot write to any register (except for the
control register).
The EEPROM auto-loading process does not start during a software reset. The user must assert the LOAD bit
in the control register for auto-loading to start.
EEPROM initialization/automatic loading (LOAD)
The TNETX15AE automatically loads selected registers from an attached 24C02 EEPROM after a hardware
reset or when the LOAD bit in the control register is set. Up to eight 24C02 EEPROMs can be connected across
the same serial interface. They are distinguished by separate addresses that are selectable by pulling address
terminals up or down on each EEPROM. The TNETX15AE requires the automatic loading information in device
number 0x00, starting at location 0x00.
The TNETX15AE determines if the EEPROM device is present. Several conditions cause the TNETX15AE to
determine that a device is not present. If EDIO is pulled down, the EEPROM is assumed to be not present. If
the EEPROM fails to acknowledge (ACK) on data writes, the EEPROM is not present. If the cyclic redundancy
check (CRC) in the EEPROM does not match the internally calculated CRC, the EEPROM is assumed to be
not present.
When no EEPROM is detected, The TNETX15AE sets the NEEPM bit in the control register to a 1, and the
TNETX15AE is placed in a reset state (RESET and NEEPM are set in the control register) while the registers
assume their default values.
The automatic loader reads the register values from the EEPROM and programs the TNETX15AE accordingly.
The last register written is the control register.
The automatic loader can initialize and start up the TNETX15AE if the START bit in the control register is
programmed in the EEPROM. This allows for initialization and startup without a host CPU.
During the automatic loading, no DIO operations are permitted. Both reads and writes stall, that is, SRDY does
not come true on a pending operation until the EEPROM load cycle is over. The load cycle should take (bits per
word access on the EEPROM)
× (words read) × 100 kHz, or 27 × 43 × 100 kHz, or 12 ms. To sense the end,
wait for a sample register read to complete, or wait 15 ms.
If load is followed by start, then the INITD bit in the control register can be used to indicate when all the setup
is done. The download bit, LOAD bit, RESET bit, and any other read only or reserved bits cannot be set during
automatic loading. The CRC for the EEPROM is calculated using the information written in the EEPROM
although information may not be written to the TNETX15AE. For example; a value of 0x8F or 0xFF in the
EEPROM for RAMsize is written as 0x0F in the TNETX15AE since bits 7, 6, 5, and 4 are reserved, but the
calculated CRC for the EEPROM for each case is different.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com