Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX15AE Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX15AE
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX15AE Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX15AE Datasheet HTML 24Page - Texas Instruments TNETX15AE Datasheet HTML 25Page - Texas Instruments TNETX15AE Datasheet HTML 26Page - Texas Instruments TNETX15AE Datasheet HTML 27Page - Texas Instruments TNETX15AE Datasheet HTML 28Page - Texas Instruments TNETX15AE Datasheet HTML 29Page - Texas Instruments TNETX15AE Datasheet HTML 30Page - Texas Instruments TNETX15AE Datasheet HTML 31Page - Texas Instruments TNETX15AE Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt masking register, intmask at 0x2A–0x2B (DIO)
The intmask register is used with the int register to select the type of interrupts that should be enabled to the
attached CPU. Bit definitions in the intmask register agree one-to-one with the bit definitions in the int register.
Only those fields with the bit set to 1 generate an interrupt to the CPU. Clearing the bit for a condition prevents
only the external terminal from moving to a logic 1 when the appropriate condition is true. The appropriate bit
in the interrupt register is always a 1 if the condition is true, and the bit has not been cleared by being read. This
register is read/writeable.
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NEW
NEWM
CHNG
CHNGM
SECVIO
SECVIOM
AGE
AGEM
INT
Reserved
STAT
FULL
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
NEW
New-node interrupt mask. When NEW is set, a new-node interrupt is posted if the NEW bit in the int register is set.
14
NEWM
Missed-new-node interrupt mask. When NEWM is set, a missed new-node interrupt is posted if the NEWM bit in the int
register is set.
13
CHNG
Node-port change interrupt mask. When CHNG is set, a node-port change interrupt is posted if the CHNG bit in the int
register is set.
12
CHNGM
Missed-node-port change interrupt mask. When CHNGM is set, a missed-node-port interrupt is posted if the CHNGM
bit in the int register is set.
11
SECVIO
Security-violation interrupt mask. When SECVIO is set, a security-violation interrupt is posted if the SECVIO bit in the
int register is set.
10
SECVIOM
Missed-security-violation interrupt mask. When SECVIOM is set, a missed-security-violation interrupt is posted if the
SECVIOM bit in the int register is set.
9
AGE
Age-out interrupt mask. When AGE is set, an age-out interrupt is posted if the AGE bit in the int register is set.
8
AGEM
Missed-age-out interrupt mask. When AGEM is set, a missed age-out interrupt is posted if the AGEM bit in the int register
is set.
7
INT
Test interrupt mask. When INT is set, a test interrupt is posted if the INT bit in the int register is set.
6–2
Reserved
Writes to this location are ignored and read as 0.
1
STAT
Statistics overflow interrupt mask. When STAT is set, a statistics interrupt is posted if the STATS bit in the int register
is set.
0
FULL
SRAM full interrupt mask. When FULL is set, a memory-full interrupt is posted if the FULL bit in the int register is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com