Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 2 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 2 Page - International Rectifier

  IRU3138CS Datasheet HTML 1Page - International Rectifier IRU3138CS Datasheet HTML 2Page - International Rectifier IRU3138CS Datasheet HTML 3Page - International Rectifier IRU3138CS Datasheet HTML 4Page - International Rectifier IRU3138CS Datasheet HTML 5Page - International Rectifier IRU3138CS Datasheet HTML 6Page - International Rectifier IRU3138CS Datasheet HTML 7Page - International Rectifier IRU3138CS Datasheet HTML 8Page - International Rectifier IRU3138CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
Rev. 1.0
01/29/04
IRU3138
www.irf.com
ELECTRICAL SPECIFICATIONS
Unless otherwise specified, these specifications apply over VCC=5V, VC=12V and TA=0 to 70°C. Typical values refer
to TA=25°C. Low duty cycle pulse testing is used which keeps junction and case temperatures equal to the ambient
temperature.
ABSOLUTE MAXIMUM RATINGS
VCC Supply Voltage ..................................................
-0.5V - 25V
VC Supply Voltage ....................................................
-0.5V - 25V
Storage Temperature Range ......................................
-65°C To 150°C
Operating Junction Temperature Range .....................
0°C To 125°C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device.
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage
VREF Voltage
Fb Voltage Line Regulation
UVLO
UVLO Threshold - VCC
UVLO Hysteresis - VCC
UVLO Threshold - VC
UVLO Hysteresis - VC
UVLO Threshold - Fb
UVLO Hysteresis - Fb
Supply Current
VCC Dynamic Supply Current
VC Dynamic Supply Current
VCC Static Supply Current
VC Static Supply Current
Soft-Start Section
Charge Current
Oscillator
Frequency
Ramp Amplitude
5<VCC<12
Supply Ramping Up
Supply Ramping Up
Fb Ramping Down
Note 1
Freq=200KHz, CL=3000pF
Freq=200KHz, CL=3000pF
SS=0V
SS=0V
SS=0V
Rt=Open
Rt=Gnd
Note 1
0.784
4.0
3.0
0.3
15
180
360
0.8
4.25
0.25
3.5
0.25
0.4
0.02
6.5
11
4
2.5
20
200
400
1.25
0.816
1.6
4.5
3.65
0.5
8
14
6
4
26
220
440
V
mV
V
V
V
V
V
V
mA
mA
mA
mA
mA
KHz
V
uJA=888C/W
VFB
LREG
UVLO Vcc
UVLO Vc
UVLO Fb
Dyn Icc
Dyn Ic
ICCQ
ICQ
SSIB
Freq
VRAMP
PACKAGE INFORMATION
14-PIN PLASTIC SOIC NB (S)
Fb
Vcc
LDrv
Gnd
PGnd
HDrv
Vc
Rt
7
6
5
4
8
9
10
11
3
2
1
12 Comp
13
14 NC
VP
VREF
NC
SS/SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com