Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRU3138CS Datasheet(PDF) 13 Page - International Rectifier

Part # IRU3138CS
Description  SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU3138CS Datasheet(HTML) 13 Page - International Rectifier

Back Button IRU3138CS Datasheet HTML 9Page - International Rectifier IRU3138CS Datasheet HTML 10Page - International Rectifier IRU3138CS Datasheet HTML 11Page - International Rectifier IRU3138CS Datasheet HTML 12Page - International Rectifier IRU3138CS Datasheet HTML 13Page - International Rectifier IRU3138CS Datasheet HTML 14Page - International Rectifier IRU3138CS Datasheet HTML 15Page - International Rectifier IRU3138CS Datasheet HTML 16Page - International Rectifier IRU3138CS Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
IRU3138
13
Rev. 1.0
01/29/04
www.irf.com
TYPICAL APPLICATION
Single Supply 5V Input
Figure 11 - Typical application of IRU3138 in an on-board DC-DC converter
using a single 5V supply.
IRU3138
U1
Vcc
Vc
HDrv
LDrv
Fb
Gnd
Comp
SS/SD
C3
0.1uF
C4
1uF
C8
0.1uF
C9
3.3nF
R4
18K
Q1
IRF7457
Q2
IRF7457
R5
1K, 1%
R6
3.16K, 1%
L2
L1
1uH
C2
3x 6TPB150M,
150uF, 40m
V
C1
47uF
3.3V
@ 12A
C7
2x 6TPC330M,
330uF, 40m
V
C5
0.1uF
D1
BAT54S
D3
BAT54
5V
3.3uH
C6
68pF
D2
BAT54
VREF
VP
C8
0.1uF
Rt
PGnd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com